Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52H-C3V6 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZT52H-C3V6
Description  Single Zener diodes in a SOD123F package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZT52H-C3V6 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZT52H-C3V6 Datasheet HTML 1Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 2Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 3Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 4Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 5Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 6Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 7Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 8Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
9397 750 15082
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 22 December 2005
5 of 10
Philips Semiconductors
BZT52H series
Single Zener diodes in a SOD123F package
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; Tamb =25 °C
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; Tamb =25 °C
Table 9:
Characteristics per type; BZT52H-C27 to BZT52H-C51
Tj =25 °C unless otherwise specified.
BZT52H
-Cxxx
Working
voltage
VZ (V);
IZ =2mA
Maximum differential
resistance
rdif (Ω)
Reverse
current
IR (µA)
Temperature
coefficient
SZ (mV/K);
IZ =5mA
Diode
capacitance
Cd (pF) [1]
Non-repetitive peak
reverse current
IZSM (A) [2]
Min
Max
IZ =1mA
IZ =5mA
Max
VR (V)
Min
Max
Max
Max
27
25.1
28.9
250
40
0.05
18.9
21.4
25.3
50
1.0
30
28.0
32.0
250
40
0.05
21
24.4
29.4
50
1.0
33
31.0
35.0
250
40
0.05
23.1
27.4
33.4
45
0.9
36
34.0
38.0
250
60
0.05
25.2
30.4
37.4
45
0.8
39
37.0
41.0
300
75
0.05
27.3
33.4
41.2
45
0.7
43
40.0
46.0
325
80
0.05
30.1
37.6
46.6
40
0.6
47
44.0
50.0
325
90
0.05
32.9
42.0
51.8
40
0.5
51
48.0
54.0
350
100
0.05
35.7
46.6
57.2
40
0.4
Table 10:
Characteristics per type; BZT52H-C56 to BZT52H-C75
Tj =25 °C unless otherwise specified.
BZT52H
-Cxxx
Working
voltage
VZ (V);
IZ =2mA
Maximum differential
resistance
rdif (Ω)
Reverse
current
IR (µA)
Temperature
coefficient
SZ (mV/K);
IZ =5mA
Diode
capacitance
Cd (pF) [1]
Non-repetitive peak
reverse current
IZSM (A) [2]
Min
Max
IZ = 0.5 mA IZ =2mA Max
VR (V)
Min
Max
Max
Max
56
52.0
60.0
375
120
0.05
39.2
52.2
63.8
40
0.3
62
58.0
66.0
400
140
0.05
43.4
58.8
71.6
35
0.3
68
64.0
72.0
400
160
0.05
47.6
65.6
79.8
35
0.25
75
70.0
79.0
400
175
0.05
52.5
73.4
88.6
35
0.20


Similar Part No. - BZT52H-C3V6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H-C3V6 PHILIPS-BZT52H-C3V6 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C3V6 PHILIPS-BZT52H-C3V6 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
BZT52H-C3V6 NEXPERIA-BZT52H-C3V6 Datasheet
333Kb / 14P
   Voltage regulator diodes
Rev. 7 - 1 January 2023
BZT52H-C3V6-Q NEXPERIA-BZT52H-C3V6-Q Datasheet
314Kb / 14P
   Voltage regulator diodes
Rev. 1 - 4 October 2021
More results

Similar Description - BZT52H-C3V6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com