Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM5385 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM5385
Description  5GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5385 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM5385 Datasheet HTML 1Page - Broadcom Corporation. BCM5385 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OV E R V I E W
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2004 by BROADCOM CORPORATION. All rights reserved.
5385-PB02-R
03/25/04
Broadcom®, the pulse logo, and Connecting everything® are trademarks of Broadcom Corporation and/
or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the
property of their respective owners.
The Broadcom BCM5385 device is a highly integrated solution. It
combines all the functions of a high-speed switch system, including
packet buffer, PHY transceivers, media access controllers, address
management, and a nonblocking switch fabric into a single 0.13 µm
CMOS device. It complies with IEEE 802.3, 802.3u, 802.3ab, and
802.3x specifications, including the MAC control, pause frame, and
auto-negotiation subsections, providing compatibility with all industry-
standard Ethernet, Fast Ethernet, and Gigabit Ethernet devices.
This device contains four full-duplex 10/100/1000BASE-T transceivers,
each of which performs all of the physical layer interface functions for
10BASE-T Ethernet on Category 3, 4, or 5 unshielded twisted-pair
(UTP) cable and 100/1000BASE-T Fast/Gigabit Ethernet on Category 5
UTP cable. The remaining port features a standard RGMII interface to
allow connection to Broadcom's market-leading 10/100/1000 transceiver
family in order to provide fiber or copper Gigabit Ethernet connections.
The media access controllers on the BCM5385 also support Jumbo
Frames which are typically used for high-performance connections to
servers because they offer a smaller percentage of overhead on the link
for more efficiency.
SPI or EEPROM interfaces provide easy programming of the on-chip
802.1p QoS and/or DiffServ/TOS. This allows switch traffic to be given
different classes of priority or service-for example, voice traffic for IP
phone applications, video traffic for multimedia applications, or data
traffic for e-mail applications. Up to 4k virtual LANs (VLANs) can be
set up via the SPI port for separation of different users or groups on the
network. For multi-Gigabit per second connections, multiple ports of the
BCM5385 can be grouped together to form logical links. These links
feature automatic load balancing.
Quality of Service
(QoS)
Switch Controller
Gigabit
MAC
Port Mirroring
Jumbo Frames
Port Trunking
Rate Control
VLAN
Gigabit
MAC
Gigabit
MAC
Gigabit
MAC
Gigabit
MAC
Gigabit
PHY
Gigabit
PHY
Gigabit
PHY
Gigabit
PHY
Copper Interface
Port 0
Internal
Regulators
Register
Space
Memory
Address
Management
MII
Management
Configuration
Pins
SPI Interface or
EEPROM
Interface
Copper Interface
Port 1
Copper Interface
Port 2
Copper Interface
Port 3
RGMII Interface
Port 4


Similar Part No. - BCM5385

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5380M BOARDCOM-BCM5380M Datasheet
132Kb / 2P
   8FE2GE PORT SWITCH WITH ON-CHIP PACKET BUFFER
BCM5380MKPB BOARDCOM-BCM5380MKPB Datasheet
135Kb / 2P
   8FE2GE PORT SWITCH WITH ON-CHIP PACKET BUFFER
BCM5382M BOARDCOM-BCM5382M Datasheet
338Kb / 2P
   8FE2GE PORT SWITCH WITH ON-CHIP PACKET BUFFER
BCM5384 BOARDCOM-BCM5384 Datasheet
215Kb / 1P
   4GE PORT SWITCH WITH INTERGRATED GE COPPER PHY
BCM5384 BOARDCOM-BCM5384 Datasheet
221Kb / 2P
   4GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
More results

Similar Description - BCM5385

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5388 BOARDCOM-BCM5388 Datasheet
229Kb / 1P
   8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5388KPB BOARDCOM-BCM5388KPB Datasheet
251Kb / 2P
   8GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5384 BOARDCOM-BCM5384_04 Datasheet
221Kb / 2P
   4GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5388 BOARDCOM-BCM5388_04 Datasheet
250Kb / 2P
   8GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5384 BOARDCOM-BCM5384 Datasheet
215Kb / 1P
   4GE PORT SWITCH WITH INTERGRATED GE COPPER PHY
BCM5389 BOARDCOM-BCM5389 Datasheet
313Kb / 2P
   8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5389KFBG BOARDCOM-BCM5389KFBG Datasheet
314Kb / 2P
   8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5396KFBG BOARDCOM-BCM5396KFBG Datasheet
471Kb / 2P
   16-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5396 BOARDCOM-BCM5396 Datasheet
470Kb / 2P
   16-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5389IFBG BOARDCOM-BCM5389IFBG Datasheet
314Kb / 2P
   8-GE PORT SWITCH WITH INTEGRATED SerDes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com