Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8783SB Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN8783SB
Description  4-channel linear driver IC for CD/CD-ROM drive
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8783SB Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN8783SB Datasheet HTML 1Page - Panasonic Semiconductor AN8783SB Datasheet HTML 2Page - Panasonic Semiconductor AN8783SB Datasheet HTML 3Page - Panasonic Semiconductor AN8783SB Datasheet HTML 4Page - Panasonic Semiconductor AN8783SB Datasheet HTML 5Page - Panasonic Semiconductor AN8783SB Datasheet HTML 6Page - Panasonic Semiconductor AN8783SB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ICs for Compact Disc/CD-ROM Player
AN8783SB
5
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Thermal protection circuit
Thermal protection operating
TTHD
160
°C
temperature
Thermal protection hysteresis
∆T
THD
45
°C
width
Reset circuit
Voltage detection reset
VHYS
0.2
V
hysteresis width
s Electrical Characteristics at SVCC = 12 V, VCC1 = 12 V, VCC2 = 5 V, RL = 8 Ω, VPC1 = 0 V, VPC2 = 5 V,
Ta = 25°C (continued)
• Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
s Usage Notes
1. SVCC must be used in the highest potential. Otherwise it possibly causes an operation error.
2. Ch. 3 and ch. 4 are current feedback type drivers. Do not apply voltage directly to PVC3 and PVC4, but apply from
PVC2 through the current feedback detection resistors RS3 and RS4 , respectively. And commonly connect S3 pin
to PVC3 pin and S4 pin to PVC4 pin.
At this time, as an output current flows on the detection resistors RS3 and RS4, use a resistor which has a sufficient
allowable power dissipation.
To set gain for ch. 3 and ch. 4, use the following formula:
| V
IN3(4) −VREF |
× 2.2 kΩ = R
S3(4) × IOUT3(4)
R3(4) + 500 Ω
(IOUT3 and IOUT4 are the load current for ch. 3 and ch. 4, respectively.)
3. Power cut operation
Power cut pins PC1 (for ch. 1, ch. 3, ch. 4) and PC2 (only for ch. 2) are high for mute and low for active.
While ch. 2 is exclusive to a loading motor, ch. 2, ch. 3 and, ch. 4 are driven by the output current from the same
source (PVC2). Therefore, do not use ch. 2 and ch. 3, ch. 4 simultaneously because noise is likely to be put on ch.
3, ch. 4 when ch. 2 is being drived.
4. Appropriate care should be taken on the characteristics.
When changing an external circuit constant on actual use, secure an appropriate margin in consideration of charac-
teristic fluctuation of external parts and our ICs including transient characteristics as well as static ones.
5. Avoid the short-circuits between output pin and VCC , output pin and GND (line-to-supply and line-to-ground), and
between output pins (load short-circuit). Otherwise, the IC is likely to emit smoke and break down.
RVC2
RS3
RS4
S3
S4
PVC3
PVC4


Similar Part No. - AN8783SB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8780SB PANASONIC-AN8780SB Datasheet
38Kb / 3P
   4Ch. Linear Driver IC for CD/CD-ROM
AN8787 PANASONIC-AN8787 Datasheet
61Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
AN8787NSB PANASONIC-AN8787NSB Datasheet
61Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
More results

Similar Description - AN8783SB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8787NSB PANASONIC-AN8787NSB Datasheet
61Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
AN8812 PANASONIC-AN8812 Datasheet
374Kb / 9P
   4 CH LINEAR DRIVER IC FOR CD/CD-ROM
AN8780SB PANASONIC-AN8780SB Datasheet
38Kb / 3P
   4Ch. Linear Driver IC for CD/CD-ROM
AN8816SB PANASONIC-AN8816SB Datasheet
73Kb / 8P
   4ch. Linear Driver IC for CD/CD-ROM
AN8735NSB PANASONIC-AN8735NSB Datasheet
51Kb / 5P
   2-channel linear driver IC for CD/CD-ROM player
logo
Rohm
BA5811FM ROHM-BA5811FM Datasheet
294Kb / 2P
   5 Channel Driver for CD/CD-ROM
logo
Aimtron Technology
AT5683 AIMTRON-AT5683 Datasheet
227Kb / 6P
   4-channel BTL Motor Driver for CD/CD-ROM
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
BA5944FP ROHM-BA5944FP Datasheet
82Kb / 2P
   BTL Driver IC for CD-ROM
logo
Hitachi Semiconductor
HA12220F HITACHI-HA12220F Datasheet
143Kb / 20P
   CD-ROM Drive Head Amplifier IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com