Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LX1G05CTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LX1G05CTR
Description  SINGLE INVERTER OPEN DRAIN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G05CTR Datasheet(HTML) 5 Page - STMicroelectronics

  74LX1G05CTR Datasheet HTML 1Page - STMicroelectronics 74LX1G05CTR Datasheet HTML 2Page - STMicroelectronics 74LX1G05CTR Datasheet HTML 3Page - STMicroelectronics 74LX1G05CTR Datasheet HTML 4Page - STMicroelectronics 74LX1G05CTR Datasheet HTML 5Page - STMicroelectronics 74LX1G05CTR Datasheet HTML 6Page - STMicroelectronics 74LX1G05CTR Datasheet HTML 7Page - STMicroelectronics 74LX1G05CTR Datasheet HTML 8Page - STMicroelectronics 74LX1G05CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LX1G05
5/10
TEST CIRCUIT
RT = ZOUT of pulse generator (typically 50Ω)
TEST CIRCUIT AND WAVEFORM SYMBOL VALUE
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
Symbol
VCC
1.65 to 1.95V
2.3 to 2.7V
2.7 to 5.5V
CL
30pF/50pF
30pF/50pF
50pF
RL= R1
1000
500
500
VIH
VCC
VCC
VCC
VM
VCC/2
VCC/2
VCC/2
tr = tr
<2.0ns
<2.0ns
<2.5ns


Similar Part No. - 74LX1G05CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G00 STMICROELECTRONICS-74LX1G00 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G00CTR STMICROELECTRONICS-74LX1G00CTR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G00STR STMICROELECTRONICS-74LX1G00STR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
74LX1G02CTR STMICROELECTRONICS-74LX1G02CTR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
More results

Similar Description - 74LX1G05CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T05 STMICROELECTRONICS-74V1T05 Datasheet
47Kb / 7P
   SINGLE INVERTER OPEN DRAIN
September 1999
74V1G05 STMICROELECTRONICS-74V1G05 Datasheet
49Kb / 7P
   SINGLE INVERTER OPEN DRAIN
September 1999
74V1G05 STMICROELECTRONICS-74V1G05_04 Datasheet
111Kb / 9P
   SINGLE INVERTER (OPEN DRAIN)
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
   INVERTER (Open Drain)
2014-03-01
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
   Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
   INVERTER (Open Drain)
TC7SG05AFS TOSHIBA-TC7SG05AFS Datasheet
266Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
   INVERTER (Open Drain)
2009-09-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com