Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LX1G05 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LX1G05
Description  SINGLE INVERTER OPEN DRAIN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G05 Datasheet(HTML) 4 Page - STMicroelectronics

  74LX1G05 Datasheet HTML 1Page - STMicroelectronics 74LX1G05 Datasheet HTML 2Page - STMicroelectronics 74LX1G05 Datasheet HTML 3Page - STMicroelectronics 74LX1G05 Datasheet HTML 4Page - STMicroelectronics 74LX1G05 Datasheet HTML 5Page - STMicroelectronics 74LX1G05 Datasheet HTML 6Page - STMicroelectronics 74LX1G05 Datasheet HTML 7Page - STMicroelectronics 74LX1G05 Datasheet HTML 8Page - STMicroelectronics 74LX1G05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74LX1G05
4/10
AC ELECTRICAL CHARACTERISTICS
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLZ
Propagation Delay
Time
1.65 to 1.95
30
1000
2.0
2.4
8.3
2.4
8.3
ns
2.3 to 2.7
30
500
2.0
1.0
5.5
1.0
5.5
2.7
50
500
2.5
1.0
5.5
1.0
5.5
3.0 to 3.6
50
500
2.5
1.5
4.2
1.5
4.2
4.5 to 5.5
50
500
2.5
1
3.5
1
3.5
tPZL
Propagation Delay
Time
1.65 to 1.95
30
1000
2.0
2.4
8.3
2.4
8.3
ns
2.3 to 2.7
30
500
2.0
1.0
5.5
1.0
5.5
2.7
50
500
2.5
1.0
5.5
1.0
5.5
3.0 to 3.6
50
500
2.5
1.5
4.2
1.5
4.2
4.5 to 5.5
50
500
2.5
1
3.5
1
3.5
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input Capacitance
VIN = 0 or VCC
4pF
COUT
Output Capacitance
VIN = 0 or VCC
510
pF
CPD
Power Dissipation Capacitance
(note 1)
1.8
fIN = 10MHz
21
pF
2.5
24
3.3
26


Similar Part No. - 74LX1G05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G00 STMICROELECTRONICS-74LX1G00 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G00CTR STMICROELECTRONICS-74LX1G00CTR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G00STR STMICROELECTRONICS-74LX1G00STR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
74LX1G02CTR STMICROELECTRONICS-74LX1G02CTR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
More results

Similar Description - 74LX1G05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T05 STMICROELECTRONICS-74V1T05 Datasheet
47Kb / 7P
   SINGLE INVERTER OPEN DRAIN
September 1999
74V1G05 STMICROELECTRONICS-74V1G05 Datasheet
49Kb / 7P
   SINGLE INVERTER OPEN DRAIN
September 1999
74V1G05 STMICROELECTRONICS-74V1G05_04 Datasheet
111Kb / 9P
   SINGLE INVERTER (OPEN DRAIN)
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
   INVERTER (Open Drain)
2014-03-01
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
   Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
   INVERTER (Open Drain)
TC7SG05AFS TOSHIBA-TC7SG05AFS Datasheet
266Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
   INVERTER (Open Drain)
2009-09-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com