Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA3259 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSA3259
Description  Dual SP3T Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA3259 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSA3259 Datasheet HTML 1Page - Fairchild Semiconductor FSA3259 Datasheet HTML 2Page - Fairchild Semiconductor FSA3259 Datasheet HTML 3Page - Fairchild Semiconductor FSA3259 Datasheet HTML 4Page - Fairchild Semiconductor FSA3259 Datasheet HTML 5Page - Fairchild Semiconductor FSA3259 Datasheet HTML 6Page - Fairchild Semiconductor FSA3259 Datasheet HTML 7Page - Fairchild Semiconductor FSA3259 Datasheet HTML 8Page - Fairchild Semiconductor FSA3259 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500922
www.fairchildsemi.com
November 2005
Revised December 2005
FSA3259
Dual SP3T Analog Switch
General Description
The FSA3259 Dual Single Pole Triple Throw (SP3T) analog
switch operates from a single 1.65V to 5.5V supply. It features a
typical On Resistance (RON) of 9: at a 3.3V supply and
25
qC. The device is fabricated with sub-micron CMOS technol-
ogy to achieve fast switching speeds and is designed for break-
before-make operation.
The FSA3259 also features wide-bandwidth (
!250Mbz), high
Off Isolation and low crosstalk. The dual SP3T configuration
allows for maximum design flexibility.
Features
O  9: typical On Resistance (RON) @ 3.3V
O Ideal for 3:1 Multiplex/Demultiplex cell phone applications
O Broad VCC operating range: 1.65V to 5.5V
O 250MHz – 3dB Bandwidth
O Break-before-make enable circuitry
Applications
O Cell phone, PDA
O Video
O Multi-port USB
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
DQFN package available in Tape and Reel only.
Application Diagram
Order
Package
Package Description
Number
Number
FSA3259BQX
MLP016E
Pb-Free 16-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241,
2.5 x 3.5mm


Similar Part No. - FSA3259

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3200 FAIRCHILD-FSA3200 Datasheet
780Kb / 13P
   Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
logo
ON Semiconductor
FSA3200 ONSEMI-FSA3200 Datasheet
405Kb / 13P
   Two-Port, High-Speed USB2.0 Switch
November-2017, Rev. 2
logo
Fairchild Semiconductor
FSA3200UMX FAIRCHILD-FSA3200UMX Datasheet
780Kb / 13P
   Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
logo
ON Semiconductor
FSA3200UMX ONSEMI-FSA3200UMX Datasheet
405Kb / 13P
   Two-Port, High-Speed USB2.0 Switch
November-2017, Rev. 2
logo
Fairchild Semiconductor
FSA321 FAIRCHILD-FSA321 Datasheet
447Kb / 2P
   USB2.0 Hi-Speed (480Mbps) and Audio Switches with Negative Signal Capability and Built-in Termination on Unselected Audio Paths
More results

Similar Description - FSA3259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3359 TI1-TS5A3359_16 Datasheet
1Mb / 34P
[Old version datasheet]   SP3T Bidirectional Analog Switch
logo
ON Semiconductor
FSA3357 ONSEMI-FSA3357 Datasheet
361Kb / 13P
   Low Voltage SP3T Analog Switch
Revised August 2005
logo
Texas Instruments
TS5A3357 TI1-TS5A3357_14 Datasheet
997Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH
logo
Pericom Semiconductor C...
PI5A4213 PERICOM-PI5A4213 Datasheet
431Kb / 7P
   Low Voltage Dual SP3T Analog Switch3:1 Mux/DeMux Bus Switch
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
   SP3T SWITCH
logo
RF Micro Devices
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
   SP3T Switch
logo
American Accurate Compo...
JXWBKG-T-3-10-500-A AAC-JXWBKG-T-3-10-500-A Datasheet
97Kb / 1P
   SP3T Switch
logo
Skyworks Solutions Inc.
SKY13445-368LF SKYWORKS-SKY13445-368LF Datasheet
976Kb / 10P
   Dual-Band SP3T and SP2T Switch
logo
RF Micro Devices
RF5570 RFMD-RF5570 Datasheet
939Kb / 9P
   SP3T Switch
logo
Spectrum Microwave, Inc...
310-021008-001 SPECTRUM-310-021008-001 Datasheet
92Kb / 1P
   SP3T SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com