Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD817B Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD817B
Description  4-Pin Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD817B Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD817B Datasheet HTML 1Page - Fairchild Semiconductor FOD817B Datasheet HTML 2Page - Fairchild Semiconductor FOD817B Datasheet HTML 3Page - Fairchild Semiconductor FOD817B Datasheet HTML 4Page - Fairchild Semiconductor FOD817B Datasheet HTML 5Page - Fairchild Semiconductor FOD817B Datasheet HTML 6Page - Fairchild Semiconductor FOD817B Datasheet HTML 7Page - Fairchild Semiconductor FOD817B Datasheet HTML 8Page - Fairchild Semiconductor FOD817B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
FOD814 Series, FOD617 Series, FOD817 Series Rev. 1.0.2
Electrical/Characteristics (TA = 25°C Unless otherwise specified.)
Individual Component Characteristics
Transfer Characteristics (TA = 25°C Unless otherwise specified.)
*Typical values at TA = 25°C
Parameter
Device
Test Conditions
Symbol
Min
Typ*
Max
Unit
EMITTER
Forward Voltage
FOD814
FOD617
FOD817
(IF = ±20 mA)
(IF = 60 mA)
(IF = 20 mA)
VF
1.2
1.35
1.2
1.4
1.65
1.4
V
Reverse Leakage Current
FOD617
FOD817
(VR = 6.0 V)
(VR = 4.0 V)
IR
0.001
10
10
µA
Terminal Capacitance
FOD814
FOD617
FOD817
(V = 0, f = 1 kHz)
(V = 0, f = 1 kHz)
(V = 0, f = 1 kHz)
Ct
50
30
30
250
250
250
pF
DETECTOR
Collector Dark Current
FOD814
FOD617C/
D
FOD617A/
B
FOD817
(VCE = 20 V, IF = 0)
(VCE = 10 V, IF = 0)
(VCE = 10 V, IF = 0)
(VCE = 20 V, IF = 0)
ICEO
1
1
100
100
50
100
nA
Collector-Emitter Breakdown
Voltage
FOD814
FOD617
FOD817
(IC = 0.1 mA, IF = 0)
(IC = 100 µA, IF = 0)
(IC = 0.1 mA, IF = 0)
BVCEO
70
70
70
V
Emitter-Collector Breakdown
Voltage
FOD814
FOD617
FOD817
(IE = 10 µA, IF = 0)
(IE = 10 µA, IF = 0)
(IE = 10 µA, IF = 0)
BVECO
6
7
6
V
DC Characteristic
Device
Test Conditions
Symbol
Min
Typ*
Max
Unit
Current Transfer
Ratio
FOD814
IF = ±1 mA, VCE = 5 V
1
CTR
20
300
%
FOD814A
50
150
FOD617A
IF = 10 mA, VCE = 5 V
1
40
80
FOD617B
63
125
FOD617C
100
200
FOD617D
160
320
FOD617A
IF = 1 mA, VCE = 5 V
1
13
FOD617B
22
FOD617C
34
FOD617D
56
FOD817
IF = 5 mA, VCE = 5 V
1
50
600
FOD817A
80
160
FOD817B
130
260
FOD817C
200
400
FOD817D
300
600
Collector-Emitter
Saturation Voltage
FOD814
IF = ±20 mA, IC = 1 mA
VCE (sat)
0.1
0.2
V
FOD617
IF = 10 mA, IC = 2.5 mA
0.4
FOD817
IF = 20 mA, IC = 1 mA
0.1
0.2
Cut-Off Frequency
FOD814
VCE = 5 V, IC = 2 mA, RL = 100 Ω, -3dB
fC
15
80
KHz


Similar Part No. - FOD817B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817B FAIRCHILD-FOD817B Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD817B FAIRCHILD-FOD817B Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B FAIRCHILD-FOD817B Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B FAIRCHILD-FOD817B Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
logo
ON Semiconductor
FOD817B ONSEMI-FOD817B Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
More results

Similar Description - FOD817B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com