Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6X0420RJ Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FS6X0420RJ
Description  Fairchild Power Switch (FPS)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS6X0420RJ Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FS6X0420RJ Datasheet HTML 2Page - Fairchild Semiconductor FS6X0420RJ Datasheet HTML 3Page - Fairchild Semiconductor FS6X0420RJ Datasheet HTML 4Page - Fairchild Semiconductor FS6X0420RJ Datasheet HTML 5Page - Fairchild Semiconductor FS6X0420RJ Datasheet HTML 6Page - Fairchild Semiconductor FS6X0420RJ Datasheet HTML 7Page - Fairchild Semiconductor FS6X0420RJ Datasheet HTML 8Page - Fairchild Semiconductor FS6X0420RJ Datasheet HTML 9Page - Fairchild Semiconductor FS6X0420RJ Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
www.fairchildsemi.com
FS6X0420RJ/ FS6X0720RJ/ FS6X1220RJ Rev. 1.0.1
Electrical Characteristics
(Ta=25
°C, unless otherwise specified.)
Notes:
1. This parameter is the current flowing into the control IC.
Parameter
Symbol
Condition
Min.
Typ
.
Max.
Unit
TOTAL DEVICE SECTION
Startup Current (1)
Istart
VFB = GND, VCC = 14V
-
60
120
uA
Sleep Mode Current
ISLEEP
V = 1V, VCC = 16V
-
300
500
uA
Operating Supply Current (1)
IOP
VFB = GND, VCC = 16V
-10
15
mA
IOP(MIN)
VFB = GND, VCC = 12V
IOP(MAX)
VFB = GND, VCC = 20V
Line UVLO Threshold Voltage
VLU
-
2.4
2.55
2.7
V
Sleep On/Off Threshold Voltage
VSL
-1.5
1.8
2.1
V


Similar Part No. - FS6X0420RJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6X1220 FAIRCHILD-FS6X1220 Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
455Kb / 14P
   Fairchild Power Switch (FPS)
FS6X1220RD FAIRCHILD-FS6X1220RD Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6X1220RD FAIRCHILD-FS6X1220RD Datasheet
455Kb / 14P
   Fairchild Power Switch (FPS)
More results

Similar Description - FS6X0420RJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com