Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQPF9N50CF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQPF9N50CF
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF9N50CF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQPF9N50CF Datasheet HTML 1Page - Fairchild Semiconductor FQPF9N50CF Datasheet HTML 2Page - Fairchild Semiconductor FQPF9N50CF Datasheet HTML 3Page - Fairchild Semiconductor FQPF9N50CF Datasheet HTML 4Page - Fairchild Semiconductor FQPF9N50CF Datasheet HTML 5Page - Fairchild Semiconductor FQPF9N50CF Datasheet HTML 6Page - Fairchild Semiconductor FQPF9N50CF Datasheet HTML 7Page - Fairchild Semiconductor FQPF9N50CF Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQPF9N50CF Rev. A
December 2005
FRFET
TM
FQPF9N50CF
500V N-Channel MOSFET
Features
• 9A, 500V, RDS(on) = 0.85Ω @VGS = 10 V
• Low gate charge (typical 28 nC)
• Low Crss (typical 24pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• Fast recovery body diode (typical 100ns)
Description
These N-Channel enhancement mode power field effect transis-
tors are produced using Fairchild’s proprietary, planar stripe,
DMOS technology.
This advanced technology has been especially tailored to mini-
mize on-state resistance, provide superior switching perfor-
mance, and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high effi-
ciency switched mode power supplies, active power factor cor-
rection, electronic lamp ballasts based on half bridge topology.
Absolute Maximum Ratings
Thermal Characteristics
TO-220F
FQPF Series
GS
D
D
G
S
Symbol
Parameter
FQPF9N50CF
Units
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
9*
A
- Continuous (TC = 100°C)
5.4*
A
IDM
Drain Current
- Pulsed
(Note 1)
36*
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
360
mJ
IAR
Avalanche Current
(Note 1)
9A
EAR
Repetitive Avalanche Energy
(Note 1)
4.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
44
W
- Derate above 25°C
0.35
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQPF9N50CF
Units
RθJC
Thermal Resistance, Junction-to-Case
2.86
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
* Drain current limited by maximum junction temperature


Similar Part No. - FQPF9N50CF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQPF9N50CF ISC-FQPF9N50CF Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQPF9N50CF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com