Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD814300W Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FOD814300W
Description  4-Pin Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD814300W Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FOD814300W Datasheet HTML 4Page - Fairchild Semiconductor FOD814300W Datasheet HTML 5Page - Fairchild Semiconductor FOD814300W Datasheet HTML 6Page - Fairchild Semiconductor FOD814300W Datasheet HTML 7Page - Fairchild Semiconductor FOD814300W Datasheet HTML 8Page - Fairchild Semiconductor FOD814300W Datasheet HTML 9Page - Fairchild Semiconductor FOD814300W Datasheet HTML 10Page - Fairchild Semiconductor FOD814300W Datasheet HTML 11Page - Fairchild Semiconductor FOD814300W Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
www.fairchildsemi.com
FOD814 Series, FOD617 Series, FOD817 Series Rev. 1.0.2
NOTE
All dimensions are in inches (millimeters)
Package Dimensions (Through Hole)
Package Dimensions (Surface Mount)
Footprint Dimensions
0.200 (5.10)
0.161 (4.10)
0.157 (4.00)
0.118 (3.00)
0.130 (3.30)
0.091 (2.30)
0.150 (3.80)
0.110 (2.80)
0.110 (2.79)
0.090 (2.29)
0.024 (0.60)
0.016 (0.40)
0.020 (0.51)
TYP
0.300 (7.62)
typ
0.010 (0.26)
0.276 (7.00)
0.236 (6.00)
0.312 (7.92)
0.288 (7.32)
0.200 (5.10)
0.161 (4.10)
0.157 (4.00)
0.118 (3.00)
0.276 (7.00)
0.236 (6.00)
0.024 (0.60)
0.004 (0.10)
0.051 (1.30)
0.043 (1.10)
0.110 (2.79)
0.090 (2.29)
0.412 (10.46)
0.388 (9.86)
0.312 (7.92)
0.288 (7.32)
0.049 (1.25)
0.010 (0.26)
0.030 (0.76)
Lead Coplanarity 0.004 (0.10) MAX
1.5
2.54
1.3
9
0.010 (0.26)
0.200 (5.10)
0.161 (4.10)
0.130 (3.30)
0.091 (2.30)
0.150 (3.80)
0.110 (2.80)
0.024 (0.60)
0.016 (0.40)
0.110 (2.79)
0.090 (2.29)
0.157 (4.00)
0.118 (3.00)
0.276 (7.00)
0.236 (6.00)
0.312 (7.92)
0.288 (7.32)
0.291 (7.40)
0.252 (6.40)
0.110 (2.80)
0.011 (1.80)
0.42 (10.66)
0.38 (9.66)
Package Dimensions
(0.4” Lead Spacing)
(Surface Mount)


Similar Part No. - FOD814300W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD814300W FAIRCHILD-FOD814300W Datasheet
583Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814300W FAIRCHILD-FOD814300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814300W FAIRCHILD-FOD814300W Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814300W FAIRCHILD-FOD814300W Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814300W FAIRCHILD-FOD814300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results

Similar Description - FOD814300W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com