Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGP7N60RUFD Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FGP7N60RUFD
Description  600V, 7A RUF IGBT CO-PAK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGP7N60RUFD Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FGP7N60RUFD Datasheet HTML 1Page - Fairchild Semiconductor FGP7N60RUFD Datasheet HTML 2Page - Fairchild Semiconductor FGP7N60RUFD Datasheet HTML 3Page - Fairchild Semiconductor FGP7N60RUFD Datasheet HTML 4Page - Fairchild Semiconductor FGP7N60RUFD Datasheet HTML 5Page - Fairchild Semiconductor FGP7N60RUFD Datasheet HTML 6Page - Fairchild Semiconductor FGP7N60RUFD Datasheet HTML 7Page - Fairchild Semiconductor FGP7N60RUFD Datasheet HTML 8Page - Fairchild Semiconductor FGP7N60RUFD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.fairchildsemi.com
FGP7N60RUFD Rev. A
Package Marking and Ordering Information
Device Marking
Device
Package
Packaging
Type
Qty per Tube
Max Qty
per Box
FGP7N60RUFD
FGP7N60RUFDTU
TO-220
Rail / Tube
50ea
-
Electrical Characteristics of the IGBT T
C = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
BVCES
Collector-Emitter Breakdown Voltage
VGE = 0V, IC = 250uA
600
--
--
V
∆BVCES/
∆TJ
Temperature Coefficient of Breakdown
Voltage
VGE = 0V, IC = 3mA
--
0.6
--
V/
°C
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0V
--
--
250
uA
IGES
G-E Leakage Current
VGE = VGES, VCE = 0V
--
--
± 100
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC = 7mA, VCE = VGE
5.0
6.5
8.0
V
VCE(sat)
Collector to Emitter
Saturation Voltage
IC = 7A, VGE = 15V
--
1.95
2.8
V
IC = 7A, VGE = 15V,
TC = 125°C
--
2.1
--
V
IC = 14 A, VGE = 15V
--
2.65
--
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1MHz
--
510
--
pF
Coes
Output Capacitance
--
55
--
pF
Cres
Reverse Transfer Capacitance
--
15
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 300 V, IC = 7A,
RG = 30Ω, VGE = 15V,
Inductive Load, TC = 25°C
--
60
--
ns
tr
Rise Time
--
60
--
ns
td(off)
Turn-Off Delay Time
--
60
80
ns
tf
Fall Time
--
170
280
ns
Eon
Turn-On Switching Loss
--
0.23
--
mJ
Eoff
Turn-Off Switching Loss
--
0.10
--
mJ
Ets
Total Switching Loss
--
0.33
0.5
mJ
td(on)
Turn-On Delay Time
VCC = 300 V, IC = 7 A,
RG =30Ω, VGE = 15V,
Inductive Load, TC = 125°C
--
65
--
ns
tr
Rise Time
--
70
--
ns
td(off)
Turn-Off Delay Time
--
55
--
ns
tf
Fall Time
--
350
--
ns
Eon
Turn-On Switching Loss
--
0.25
--
mJ
Eoff
Turn-Off Switching Loss
--
0.27
--
mJ
Ets
Total Switching Loss
--
0.52
--
mJ
Qg
Total Gate Charge
VCE = 300 V, IC = 7A,
VGE = 15V
--
24
36
nC
Qge
Gate-Emitter Charge
--
4
6
nC
Qgc
Gate-Collector Charge
--
10
15
nC
Le
Internal Emitter Inductance
Measured 5mm from PKG
--
7.5
--
nH


Similar Part No. - FGP7N60RUFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGP7N60RUFD FAIRCHILD-FGP7N60RUFD Datasheet
1Mb / 9P
   600V, 7A RUF IGBT CO-PAK
FGP7N60RUFDTU FAIRCHILD-FGP7N60RUFDTU Datasheet
1Mb / 9P
   600V, 7A RUF IGBT CO-PAK
FGP7N60RUFD_0610 FAIRCHILD-FGP7N60RUFD_0610 Datasheet
1Mb / 9P
   600V, 7A RUF IGBT CO-PAK
More results

Similar Description - FGP7N60RUFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGP7N60RUFD_0610 FAIRCHILD-FGP7N60RUFD_0610 Datasheet
1Mb / 9P
   600V, 7A RUF IGBT CO-PAK
FGPF7N60RUFD FAIRCHILD-FGPF7N60RUFD Datasheet
902Kb / 9P
   600V, 7A RUF IGBT CO-PAK
FGPF7N60LSD FAIRCHILD-FGPF7N60LSD Datasheet
791Kb / 9P
   600V, 7A Low Saturation IGBT CO-PAK
FGA50N100BNTD2 FAIRCHILD-FGA50N100BNTD2 Datasheet
816Kb / 9P
   1000V, 50A NPT-Trench IGBT CO-PAK
FGA50N100BNTD FAIRCHILD-FGA50N100BNTD Datasheet
710Kb / 7P
   1000V, 50A NPT-Trench IGBT CO-PAK
FGA50N100BNT FAIRCHILD-FGA50N100BNT Datasheet
707Kb / 8P
   1000V, 50A NPT-Trench IGBT CO-PAK
FGB7N60UNDF FAIRCHILD-FGB7N60UNDF Datasheet
754Kb / 9P
   600V, 7A Short Circuit Rated IGBT
logo
STMicroelectronics
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
   N-CHANNEL 7A - 600V - DPAK PowerMESH??IGBT
STGD7NB60H-1 STMICROELECTRONICS-STGD7NB60H-1 Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V IPAK PowerMESH IGBT
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
   N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com