Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2708TB Datasheet(PDF) 10 Page - California Eastern Labs

Part # UPC2708TB
Description  5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC2708TB Datasheet(HTML) 10 Page - California Eastern Labs

Back Button UPC2708TB Datasheet HTML 6Page - California Eastern Labs UPC2708TB Datasheet HTML 7Page - California Eastern Labs UPC2708TB Datasheet HTML 8Page - California Eastern Labs UPC2708TB Datasheet HTML 9Page - California Eastern Labs UPC2708TB Datasheet HTML 10Page - California Eastern Labs UPC2708TB Datasheet HTML 11Page - California Eastern Labs UPC2708TB Datasheet HTML 12Page - California Eastern Labs UPC2708TB Datasheet HTML 13Page - California Eastern Labs UPC2708TB Datasheet HTML 14Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
15
10
5
0
5
10
15
20
40
35
30
25
20
15
10
5
5
10
0
f = 1.0 GHz
TA = 25
˚C
VCC = 4.5 V
15
10
5
0
5
10
15
25
35
30
25
20
15
10
55
0
10
f = 2.2 GHz
VCC = 5.0 V
VCC = 5.0 V
VCC = 5.5 V
15
10
5
0
5
10
15
20
40
35
30
25
20
15
10
55
0
10
f = 1.0 GHz
VCC = 5.0 V
TA =
40 to 85
˚C
TA =
40 to 85
˚C
15
10
5
0
5
10
15
20
40
35
30
25
20
15
10
5
5
10
0
f = 2.2 GHz
TA = 25
˚C
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
20
10
0
10
20
30
40
50
60
70
VCC = 5.5 V
IM3
5.0 V
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
f1 = 1 000 MHz
f2 = 1 001 MHz
Pout
40
35
30
25
20
15
10
5
5
10
0
4.5 V
20
10
0
10
20
30
40
50
60
70
VCC = 5.5 V
IM3
5.0 V
f1 = 2 200 MHz
f2 = 2 201 MHz
Pout
4.5 V
40
35
30
25
20
15
10
55
0
10
VCC = 4.5 to 5.5 V
40
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER (2 tones), IM3
vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
OUTPUT POWER (2 tones), IM3
vs. INPUT POWER
Remark The graphs indicate nominal characteristics.
Data Sheet PU10491EJ01V0DS
10
UPC3223TB


Similar Part No. - UPC2708TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC2708TB CEL-UPC2708TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2708TB CEL-UPC2708TB Datasheet
211Kb / 8P
   5 V, SUPER MINIMOLD WIDEBAND SI RFIC AMPLIFIER
logo
NEC
UPC2708TB NEC-UPC2708TB Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC2708TB RENESAS-UPC2708TB Datasheet
231Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC2708TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3223TB NEC-UPC3223TB Datasheet
94Kb / 15P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
PC3223TB RENESAS-PC3223TB_15 Datasheet
225Kb / 17P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3232TB NEC-UPC3232TB Datasheet
161Kb / 15P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3232TB CEL-UPC3232TB Datasheet
455Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3226TB NEC-UPC3226TB Datasheet
111Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3236TK NEC-UPC3236TK Datasheet
256Kb / 22P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com