Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9988EGP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9988EGP
Description  14dBm to 20dBm LO Buffers/Splitters with 짹1dB Variation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9988EGP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9988EGP Datasheet HTML 1Page - Maxim Integrated Products MAX9988EGP Datasheet HTML 2Page - Maxim Integrated Products MAX9988EGP Datasheet HTML 3Page - Maxim Integrated Products MAX9988EGP Datasheet HTML 4Page - Maxim Integrated Products MAX9988EGP Datasheet HTML 5Page - Maxim Integrated Products MAX9988EGP Datasheet HTML 6Page - Maxim Integrated Products MAX9988EGP Datasheet HTML 7Page - Maxim Integrated Products MAX9988EGP Datasheet HTML 8Page - Maxim Integrated Products MAX9988EGP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
+14dBm to +20dBm LO Buffers/Splitters
with ±1dB Variation
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS—MAX9987
(Typical Application Circuit, VCC = 4.75V to 5.25V, 50
Ω environment, +4dBm < PIN < +10dBm, 700MHz < fIN < 1100MHz,
TA = -40°C to +85°C, unless otherwise noted. Typical specifications are for VCC = 5.0V, PIN = +7dBm, fIN = 900MHz, and
TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency
f
700
1100
MHz
Low power setting, PIN = +4dBm
(see Table 1 for resistor values)
14.3
Nominal power setting,
+4dBm < PIN < +10dBm, 4.75V < VCC <
5.25V, -40°C < TA < +85°C
(R1, R2, R4, and R5 not installed)
17.3
±0.8
Output Power (Main Drivers)
POUTLO
High power setting, PIN = +10dBm
(see Table 1 for resistor values)
19.7
dBm
Output Power (PLL Driver)
POUTPLL
3.7
dBm
Input VSWR
VSWRIN
1.2:1
Output VSWR
VSWROUT
1.7:1
Output-Noise Power Density
PNOISE
VCC = 5.0V, ±100MHz offset
(R1, R2, R4, and R5 not installed)
-152
dBm/Hz
OUT1 to OUT2 Isolation
S23
VCC = 5.0V, nominal power setting
(R1, R2, R4, and R5 not installed)
45
dB
OUT2 to OUT1 Isolation
S32
VCC = 5.0V, nominal power setting
(R1, R2, R4, and R5 not installed)
39
dB
OUT1 to RFIN Isolation
S12
VCC = 5.0V, nominal power setting
(R1, R2, R4, and R5 not installed)
48
dB
OUT2 to RFIN Isolation
S13
VCC = 5.0V, nominal power setting
(R1, R2, R4, and R5 not installed)
50
dB


Similar Part No. - MAX9988EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9988EVKIT MAXIM-MAX9988EVKIT Datasheet
242Kb / 7P
   Fully Assembled and Tested
Rev 0; 9/02
More results

Similar Description - MAX9988EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9989 MAXIM-MAX9989 Datasheet
273Kb / 12P
   14dBm to 20dBm LO Buffers with 짹1dB Variation
Rev 0; 7/02
MAX9989EVKIT MAXIM-MAX9989EVKIT Datasheet
230Kb / 7P
   14dBm to 20dBm Adjustable Output Power
Rev 0; 11/02
logo
Murata Manufacturing Co...
935133424533-XXN MURATA1-935133424533-XXN Datasheet
221Kb / 2P
   Extended operating temperature range (up to 250?? with low capacitance variation.
Last updated06/14/2022
935132425610-XXN MURATA1-935132425610-XXN Datasheet
220Kb / 2P
   Extended operating temperature range (up to 200?? with low capacitance variation.
Last updated06/14/2022
935133427710-XXN MURATA1-935133427710-XXN Datasheet
221Kb / 2P
   Extended operating temperature range (up to 250?? with low capacitance variation.
Last updated06/14/2022
935133425610-XXN MURATA1-935133425610-XXN Datasheet
221Kb / 2P
   Extended operating temperature range (up to 250?? with low capacitance variation.
Last updated06/14/2022
935133429733-XXN MURATA1-935133429733-XXN Datasheet
221Kb / 2P
   Extended operating temperature range (up to 250?? with low capacitance variation.
Last updated06/14/2022
935133424510-XXN MURATA1-935133424510-XXN Datasheet
221Kb / 2P
   Extended operating temperature range (up to 250?? with low capacitance variation.
Last updated06/14/2022
935132423510-XXN MURATA1-935132423510-XXN Datasheet
220Kb / 2P
   Extended operating temperature range (up to 200?? with low capacitance variation.
Last updated06/14/2022
logo
Dorji Industrial Group ...
DRF4432D20 DORJI-DRF4432D20 Datasheet
402Kb / 9P
   20dBm ISM RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com