Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC3223TB-E3 Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPC3223TB-E3
Description  5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3223TB-E3 Datasheet(HTML) 2 Page - California Eastern Labs

  UPC3223TB-E3 Datasheet HTML 1Page - California Eastern Labs UPC3223TB-E3 Datasheet HTML 2Page - California Eastern Labs UPC3223TB-E3 Datasheet HTML 3Page - California Eastern Labs UPC3223TB-E3 Datasheet HTML 4Page - California Eastern Labs UPC3223TB-E3 Datasheet HTML 5Page - California Eastern Labs UPC3223TB-E3 Datasheet HTML 6Page - California Eastern Labs UPC3223TB-E3 Datasheet HTML 7Page - California Eastern Labs UPC3223TB-E3 Datasheet HTML 8Page - California Eastern Labs UPC3223TB-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PIN CONNECTIONS
Pin No.
Pin Name
1
INPUT
2
GND
3
GND
4
OUTPUT
5
GND
3
2
1
4
(Top View)
5
6
4
5
6
3
(Bottom View)
2
1
6
VCC
PRODUCT LINE-UP OF 5 V-BIAS SILICON MMIC MEDIUM OUTPUT AMPLIFIER
(TA = +25 C, f = 1 GHz, VCC = Vout = 5.0 V, ZS = ZL = 50
)
Part No.
fu
(GHz)
PO(sat)
(dBm)
GP
(dB)
NF
(dB)
ICC
(mA)
Package
Marking
PC2708TB
2.9
+10.0
15
6.5
26
6-pin super minimold
C1D
PC2709TB
2.3
+11.5
23
5.0
25
C1E
PC2710TB
1.0
+13.5
33
3.5
22
C1F
PC2776TB
2.7
+8.5
23
6.0
25
C2L
PC3223TB
3.2
+12.0
23
4.5
19
C3J
Remark Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
Data Sheet PU10491EJ01V0DS
2
UPC3223TB


Similar Part No. - UPC3223TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3223TB-E3 NEC-UPC3223TB-E3 Datasheet
94Kb / 15P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC3223TB-E3 RENESAS-UPC3223TB-E3 Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
More results

Similar Description - UPC3223TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3223TB NEC-UPC3223TB Datasheet
94Kb / 15P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
PC3223TB RENESAS-PC3223TB_15 Datasheet
225Kb / 17P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3232TB NEC-UPC3232TB Datasheet
161Kb / 15P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3232TB CEL-UPC3232TB Datasheet
455Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3226TB NEC-UPC3226TB Datasheet
111Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3236TK NEC-UPC3236TK Datasheet
256Kb / 22P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com