Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9988 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9988
Description  14dBm to 20dBm LO Buffers/Splitters with 짹1dB Variation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9988 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9988 Datasheet HTML 1Page - Maxim Integrated Products MAX9988 Datasheet HTML 2Page - Maxim Integrated Products MAX9988 Datasheet HTML 3Page - Maxim Integrated Products MAX9988 Datasheet HTML 4Page - Maxim Integrated Products MAX9988 Datasheet HTML 5Page - Maxim Integrated Products MAX9988 Datasheet HTML 6Page - Maxim Integrated Products MAX9988 Datasheet HTML 7Page - Maxim Integrated Products MAX9988 Datasheet HTML 8Page - Maxim Integrated Products MAX9988 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX9987 and MAX9988 LO buffers/splitters each
integrate a passive two-way power splitter with high-
isolation input and output buffer amplifiers. These
buffers are designed to provide the high output
(+14dBm to +20dBm) necessary to drive the LO inputs
of high-linearity passive mixers, while offering 40dB
reverse isolation to prevent LO pulling. The MAX9987 is
internally matched for the cellular/GSM bands, and the
MAX9988 is matched for the DCS/PCS/UMTS bands.
The typical application circuit provides a nominal
+17dBm output power with ±1dB variation over supply,
temperature, and input power. With two optional resis-
tors, the output power can be precision set from
+14dBm to +20dBm. The devices offer more than 30dB
output-to-output port isolation, and are offered in 5mm
5mm 20-pin QFN packages with exposed paddle.
Applications
Cellular/GSM/DCS/PCS/UMTS Base Station
Tx/Rx LO Drive
Base Station Main and Diversity Channels
Coherent Receivers
ISM Wireless LAN
Wireless Local Loop
Local Multipoint Distribution Service
Point-to-Point Systems
Features
o ±1dB Output Power Variation
o +14dBm to +20dBm Adjustable Output Power
o Two-Way Power Splitting
o 40dB Reverse Isolation
o More than 30dB Output-to-Output Isolation
o Low Output Noise: -170dBc/Hz at +17dBm
o 160mA Supply Current at +17dBm
o ESD Protection
o Isolated PLL Output (+3dBm)
+14dBm to +20dBm LO Buffers/Splitters
with ±1dB Variation
________________________________________________________________ Maxim Integrated Products
1
MAX9987
MAX9988
BIAS
BIASIN
RF LO
TO PLL
PRESCALER
PLL BUFFER
INPUT AMP
OUTPUT AMP
(2)
OUTPUT AMP
(1)
RF INPUT
(1)
IF OUTPUT
(1)
PASSIVE TWO-WAY
POWER SPLITTER
IN
(+7dBm)
OUTPLL
(+3dBm)
OUT1
(+17dBm)
OUT2
(+17dBm)
BIASOUT
BIAS
CONTROL
NETWORK
RF INPUT
(2)
IF OUTPUT
(2)
Typical Operating Circuit and Block Diagram
Ordering Information
19-2416; Rev 0; 4/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-
PACKAGE
FREQUENCY
RANGE
MAX9987EGP
-40
°C to 85°C 20 QFN-EP*
700MHz to
1100MHz
MAX9988EGP
-40
°C to 85°C 20 QFN-EP*
1500MHz to
2200MHz
*EP = Exposed paddle


Similar Part No. - MAX9988

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9988 MAXIM-MAX9988 Datasheet
242Kb / 7P
   Fully Assembled and Tested
Rev 0; 9/02
MAX9988EVKIT MAXIM-MAX9988EVKIT Datasheet
242Kb / 7P
   Fully Assembled and Tested
Rev 0; 9/02
More results

Similar Description - MAX9988

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9989 MAXIM-MAX9989 Datasheet
273Kb / 12P
   14dBm to 20dBm LO Buffers with 짹1dB Variation
Rev 0; 7/02
MAX9989EVKIT MAXIM-MAX9989EVKIT Datasheet
230Kb / 7P
   14dBm to 20dBm Adjustable Output Power
Rev 0; 11/02
logo
Murata Manufacturing Co...
935133424533-XXN MURATA1-935133424533-XXN Datasheet
221Kb / 2P
   Extended operating temperature range (up to 250?? with low capacitance variation.
Last updated06/14/2022
935132425610-XXN MURATA1-935132425610-XXN Datasheet
220Kb / 2P
   Extended operating temperature range (up to 200?? with low capacitance variation.
Last updated06/14/2022
935133427710-XXN MURATA1-935133427710-XXN Datasheet
221Kb / 2P
   Extended operating temperature range (up to 250?? with low capacitance variation.
Last updated06/14/2022
935133425610-XXN MURATA1-935133425610-XXN Datasheet
221Kb / 2P
   Extended operating temperature range (up to 250?? with low capacitance variation.
Last updated06/14/2022
935133429733-XXN MURATA1-935133429733-XXN Datasheet
221Kb / 2P
   Extended operating temperature range (up to 250?? with low capacitance variation.
Last updated06/14/2022
935133424510-XXN MURATA1-935133424510-XXN Datasheet
221Kb / 2P
   Extended operating temperature range (up to 250?? with low capacitance variation.
Last updated06/14/2022
935132423510-XXN MURATA1-935132423510-XXN Datasheet
220Kb / 2P
   Extended operating temperature range (up to 200?? with low capacitance variation.
Last updated06/14/2022
logo
Dorji Industrial Group ...
DRF4432D20 DORJI-DRF4432D20 Datasheet
402Kb / 9P
   20dBm ISM RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com