Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10474-7FCS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SY10474-7FCS
Description  1K x 4 ECL RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SY10474-7FCS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SY10474-7FCS Datasheet HTML 1Page - List of Unclassifed Manufacturers SY10474-7FCS Datasheet HTML 2Page - List of Unclassifed Manufacturers SY10474-7FCS Datasheet HTML 3Page - List of Unclassifed Manufacturers SY10474-7FCS Datasheet HTML 4Page - List of Unclassifed Manufacturers SY10474-7FCS Datasheet HTML 5Page - List of Unclassifed Manufacturers SY10474-7FCS Datasheet HTML 6Page - List of Unclassifed Manufacturers SY10474-7FCS Datasheet HTML 7Page - List of Unclassifed Manufacturers SY10474-7FCS Datasheet HTML 8Page - List of Unclassifed Manufacturers SY10474-7FCS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SY10/100/101474-3
SY10/100/101474-4
SY10/100/101474-5
SY10/100/101474-7
Symbol
Parameter
Min.
Max.
Unit
Condition
VOH
Output High Voltage
–1025
–880
mV
VIN = VIH Max. or VIL Min.
VOL
Output Low Voltage
–1810
–1620
mV
VIN = VIH Max. or VIL Min.
VOHC
Output High Voltage
–1035
mV
VIN = VIH Min. or VIL Max.
VOLC
Output Low Voltage
—–1610
mV
VIN = VIH Min. or VIL Max.
VIH
Input High Voltage
–1165
–880
mV
Guaranteed Input Voltage Highfor All Inputs
VIL
Input Low Voltage
–1810
–1475
mV
Guaranteed Input Voltage Lowfor All Inputs
IIH
Input High Current
0.0
20
µAVIN = VIH Max.
IIL
Input Low Current
–22
µAVIN = VIL Min.
IIL
CS Input Low Current
30
170
µAVIN = VIL Min.
IIH
CS Input High Current
40
220
µAVIN = VIH Max.
IIL
WE Input Low Current
–235
µAVIN = VIL Min.
IIH
WE Input High Current
0.0
60
µAVIN = VIH Max.
IEE
Power Supply 3ns, 4ns
–300
Current
-5ns, -7ns
–220
Symbol
Parameter
TC
Min.
Max.
Unit
Condition
VOH
Output High Voltage
0
°C
–1000
–840
mV
VIN = VIH Max. or VIL Min.
+25
°C
–960
–810
+75
°C
–900
–720
VOL
Output Low Voltage
0
°C
–1870
–1665
mV
VIN = VIH Max. or VIL Min.
+25
°C
–1850
–1650
+75
°C
–1830
–1625
VOHC
Output High Voltage
0
°C
–1020
mV
VIN = VIH Min. or VIL Max.
+25
°C
–980
+75
°C
–920
VOLC
Output Low Voltage
0
°C
—–1645
mV
VIN = VIH Min. or VIL Max.
+25
°C
—–1630
+75
°C
—–1605
VIH
Input High Voltage
0
°C
–1145
–840
mV
Guaranteed Input Voltage High
+25
°C
–1105
–810
for All Inputs
+75
°C
–1045
–720
VIL
Input Low Voltage
0
°C
–1870
–1490
mV
Guaranteed Input Voltage Low
+25
°C
–1850
–1475
for All Inputs
+75
°C
–1830
–1450
IIH
Input High Current
0
°C to +75°C
0.0
20
µAVIN = VIH Max.
IIL
Input Low Current
0
°C to +75°C
–22
µAVIN = VIL Min.
IIL
CS Input Low Current
0
°C to +75°C30
170
µAVIN = VIL Min.
IIH
CS Input High Current
0
°C to +75°C40
220
µAVIN = VIH Max.
IIL
WE Input Low Current
0
°C to +75°C
–235
µAVIN = VIL Min.
IIH
WE Input High Current
0
°C to +75°C
0.0
60
µAVIN = VIH Max.
IEE
Power Supply
-3ns, -4ns
–300
Current
-5ns, -7ns
–220
10K DC ELECTRICAL CHARACTERISTICS
VCC = 0V; TC = 0
°C to +75°C; VEE = –5.2V; Airflow > 2.5m/s; Output Load = 50Ω to –2.0V
0
°C to +75°C
mA
All Inputs and Outputs Open
VCCA = 0V
VEE = –4.5V (100K)
TC = 0
°C to +85°C
Airflow > 2.5m/s
VCC = 0V
VEE = –5.2V (101K)
Output Load = 50
Ω to –2.0V
100K/101K DC ELECTRICAL CHARACTERISTICS
mA
All Inputs and Outputs Open
SYNERGY
SEMICONDUCTOR


Similar Part No. - SY10474-7FCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SY10422-3 ETC1-SY10422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY10422-4 ETC1-SY10422-4 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY10422-5 ETC1-SY10422-5 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY10422-7 ETC1-SY10422-7 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
logo
Shanghai Shunye Electro...
SY1045V2 SHUNYE-SY1045V2 Datasheet
655Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SY10474-7FCS

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
List of Unclassifed Man...
SY10422-3 ETC1-SY10422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
Pyramid Semiconductor C...
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
List of Unclassifed Man...
SC5104 ETC1-SC5104 Datasheet
500Kb / 8P
   64K X 4 BiCMOS ECL I/O STATIC RAM
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Siemens Semiconductor G...
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com