Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC16646ADGVRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74LVC16646ADGVRE4
Description  16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC16646ADGVRE4 Datasheet(HTML) 2 Page - Texas Instruments

  74LVC16646ADGVRE4 Datasheet HTML 1Page - Texas Instruments 74LVC16646ADGVRE4 Datasheet HTML 2Page - Texas Instruments 74LVC16646ADGVRE4 Datasheet HTML 3Page - Texas Instruments 74LVC16646ADGVRE4 Datasheet HTML 4Page - Texas Instruments 74LVC16646ADGVRE4 Datasheet HTML 5Page - Texas Instruments 74LVC16646ADGVRE4 Datasheet HTML 6Page - Texas Instruments 74LVC16646ADGVRE4 Datasheet HTML 7Page - Texas Instruments 74LVC16646ADGVRE4 Datasheet HTML 8Page - Texas Instruments 74LVC16646ADGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
SN74LVC16646A
16-BIT BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCES408B – AUGUST 2002 – REVISED APRIL 2005
Data on the A or B bus is clocked into the registers on the low-to-high transition of the appropriate clock (CLKAB
or CLKBA) input. Figure 1 illustrates the four fundamental bus-management functions that can be performed with
the SN74LVC16646A.
Output-enable (OE) and direction-control (DIR) inputs control the transceiver functions. In the transceiver mode,
data present at the high-impedance port can be stored in either register or in both. The select-control (SAB and
SBA) inputs can multiplex stored and real-time (transparent mode) data. The circuitry used for select control
eliminates the typical decoding glitch that occurs in a multiplexer during the transition between stored and
real-time data. DIR determines which bus receives data when OE is low. In the isolation mode (OE high), A data
can be stored in one register and/or B data can be stored in the other register.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
When an output function is disabled, the input function still is enabled and can be used to store and transmit
data. Only one of the two buses, A or B, can be driven at a time.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
FUNCTION TABLE
INPUTS
DATA I/O(1)
OPERATION OR FUNCTION
OE
DIR
CLKAB
CLKBA
SAB
SBA
A1-A8
B1-B8
X
X
X
X
X
Input
Unspecified
Store A, B unspecified(1)
X
X
X
X
X
Unspecified
Input
Store B, A unspecified(1)
H
X
X
X
Input
Input
Store A and B data
H
X
H or L
H or L
X
X
Input
Input
Isolation, hold storage
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
L
X
H or L
X
H
Output
Input
Stored B data to A bus
L
H
X
X
L
X
Input
Output
Real-time A data to B Bus
L
H
H or L
X
H
X
Input
Output
Stored A data to bus
(1)
The data-output functions can be enabled or disabled by various signals at OE or DIR. Data-input functions always are enabled, i.e.,
data at the bus terminals is stored on every low-to-high transition of the clock inputs.
2


Similar Part No. - 74LVC16646ADGVRE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LVC16601APVG RENESAS-74LVC16601APVG Datasheet
266Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O
SEPTEMBER 2015
74LVC16601APVG8 RENESAS-74LVC16601APVG8 Datasheet
266Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O
SEPTEMBER 2015
More results

Similar Description - 74LVC16646ADGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI1-SN74ALVCH16646_08 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16646A TI-SN74LVCH16646A_V01 Datasheet
1Mb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A TI-SN74LVCH16652A Datasheet
189Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74AVC16646 TI-SN74AVC16646 Datasheet
225Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16646A TI-SN74LVCH16646A Datasheet
190Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI-SN74ALVCH16646 Datasheet
188Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com