Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV120-30 Datasheet(PDF) 1 Page - Protek Devices

Part # RV120-30
Description  120V RV SURGE SUPPRESSOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

RV120-30 Datasheet(HTML) 1 Page - Protek Devices

  RV120-30 Datasheet HTML 1Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RV120-30
2929 S. Fair Lane • Tempe, AZ • 85282
05225.R0 3/05
www.protekdevices.com
120V RV SURGE SUPPRESSOR
Only One Name Means ProTek’Tion™
APPLICATIONS
120VAC RMS, 30A Single Phase 3-Wire Ground
FEATURES
✔ Built in AC Circuit Analyzer
✔ Weather Resistant Case
✔ 30 Amp Service Protection
✔ 520 joule, 40kA, 8/20ms Surge Protection
✔ Fully Automatic Device - No Reset Button or Annoying Tripping Problems
✔ Easy to store
✔ Easy to Install - Simply Plug Into Your Power Pedestal
ELECTRICAL CHARACTERISTICS
✔ Voltage Rating: Line to Ground, 175V
✔ 120V, 30A Rating
✔ Instantaneous Response Time
✔ Wave with 1,500A Line to Ground 600V - 8/20µs
✔ Wave with 5,000A Line to Ground 1,000V - 8/20µs
✔ Wave with 10,000A Line to Ground 1,500V - 8/20µs
✔ Rated Peak Pulse Current: 36kA, Line to Ground - 8/20µs
✔ Power Consumption: < 60mW
✔ Operating Temperature Range: -40° to +140°F
DESCRIPTION
The RV-120-30 AC power surge protector is a Surgebuster® device that utilizes solid state technology, providing lightning
surges with a low resistance path. This device offers 520 joules, 40kA, 8/20µs, multi-mode surge protection. To protect the
entire RV, simply plug the device directly into an ac outlet and then plug the RV plug into the surge suppressor.
Founded in 1992, ProTek Devices, based in Tempe, Arizona, specializes in Transient Voltage Suppression products that
protect electrical equipment from transient voltage spikes caused by lightning.
ProTek Devices holds numerous domestic and international patents for electrical protection technologies and devices.
ProTek Devices is committed to applying its core technologies to the protection of people, property and equipment in OEM,
commercial, consumer and military applications.
CIRCUIT ANALYZER INDICATORS
The circuit analyzer provides pedestal power verification. The analyzer verifies that the pedestal plug is wired correctly. It
checks for open ground, open neutral and verifies that the polarity is correct.
CAUTION: The RV Surgebuster should always be inserted in the pedestal first to insure power verification prior to plugging
in the power cable from the Recreational Vehicle.
BOTH INDICATORS MUST BE LIT BEFORE USING THE PEDESTAL POWER


Similar Part No. - RV120-30

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RV1206DK-07100KL YAGEO-RV1206DK-07100KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
RV1206DK-0710KL YAGEO-RV1206DK-0710KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
RV1206DK-0710ML YAGEO-RV1206DK-0710ML Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
RV1206DK-071ML YAGEO-RV1206DK-071ML Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
RV1206DK-0727ML YAGEO-RV1206DK-0727ML Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
More results

Similar Description - RV120-30

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B051 PROTEC-587B051_12 Datasheet
337Kb / 5P
   120V AC POWER LINE SURGE SUPPRESSOR
587B051 PROTEC-587B051 Datasheet
97Kb / 3P
   120V AC POWER LINE SURGE SUPPRESSOR
587B051 PROTEC-587B051_11 Datasheet
335Kb / 5P
   120v ac power line surge suppressor
587B051LP PROTEC-587B051LP_11 Datasheet
331Kb / 4P
   low profile 120v acpower line surge suppressor
587B051LP PROTEC-587B051LP_12 Datasheet
333Kb / 4P
   LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP Datasheet
72Kb / 3P
   LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com