Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSRDA12-4 Datasheet(PDF) 3 Page - Protek Devices

Part # PSRDA12-4
Description  STEERING DIODE / TVS ARRAY COMBO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSRDA12-4 Datasheet(HTML) 3 Page - Protek Devices

  PSRDA12-4 Datasheet HTML 1Page - Protek Devices PSRDA12-4 Datasheet HTML 2Page - Protek Devices PSRDA12-4 Datasheet HTML 3Page - Protek Devices PSRDA12-4 Datasheet HTML 4Page - Protek Devices PSRDA12-4 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.protekdevices.com
05096.R7 4/05
PSRDA3.3-4
thru
PSRDA15-4
GRAPHS
FIGURE 8
RETURN LOSS - PSRDA12-4
100 MHz per Division
-50 db
-20 db
Ref 0 db
20 db
FIGURE 7
INSERTION LOSS - PSRDA12-4
100 MHz per Division
-50 db
-20 db
Ref 0 db
20 db
0
25
50
75
100
125
150
T
L - Lead Temperature - °C
20
40
60
80
100
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
POWER DERATING CURVE
0
FIGURE 4
OVERSHOOT & CLAMPING VOLTAGE FOR PSRDA05-4
ESD Test Pulse: 8 kilovolt, 1/30ns (waveshape)
0
10
20
30
40
0
5
10
15
20
25
30
I
PP - Peak Pulse Current - Amps
0
4
8
12
FIGURE 6
TYPICAL CLAMPING VOLTAGE VS PEAK PULSE CURRENT FOR PSRDA05-4
FIGURE 5
INPUT CAPACITANCE CIRCUIT
G
REF2
+V
CC
REF1
V
R
I/O


Similar Part No. - PSRDA12-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSRDA12-4 PROTEC-PSRDA12-4 Datasheet
96Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
PSRDA12-4 PROTEC-PSRDA12-4 Datasheet
928Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA12-4 PROTEC-PSRDA12-4 Datasheet
931Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA12-4-LF-T13 PROTEC-PSRDA12-4-LF-T13 Datasheet
96Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
PSRDA12-4-LF-T7 PROTEC-PSRDA12-4-LF-T7 Datasheet
96Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
More results

Similar Description - PSRDA12-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6_12 Datasheet
336Kb / 4P
   Steering Diode/TVS Array Combo
logo
Protek Devices
PLR0508 PROTEC-PLR0508 Datasheet
157Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
PUSB3B PROTEC-PUSB3B Datasheet
72Kb / 4P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Leshan Radio Company
LGRV05-4LT1G LRC-LGRV05-4LT1G Datasheet
922Kb / 6P
   STEERING DIODE/TVS ARRAY COMBO
logo
Protek Devices
PLR0502 PROTEC-PLR0502 Datasheet
72Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_12 Datasheet
322Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_09 Datasheet
270Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-4 BOURNS-CDNBS08-SRDA3.3-4_12 Datasheet
320Kb / 4P
   Steering Diode/TVS Array Combo
logo
List of Unclassifed Man...
PUSB6B ETC-PUSB6B Datasheet
97Kb / 4P
   STEERING DIODE / TVS ARRAY COMBO
logo
Protek Devices
SR28 PROTEC-SR28 Datasheet
95Kb / 3P
   STEERING DIODE / TVS ARRAY COMBO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com