Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3F49FAXZZ Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S3F49FAXZZ
Description  S3F49FAX for Compact Flash SPECIFICATION Revision 1.0
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F49FAXZZ Datasheet(HTML) 3 Page - Samsung semiconductor

  S3F49FAXZZ Datasheet HTML 1Page - Samsung semiconductor S3F49FAXZZ Datasheet HTML 2Page - Samsung semiconductor S3F49FAXZZ Datasheet HTML 3Page - Samsung semiconductor S3F49FAXZZ Datasheet HTML 4Page - Samsung semiconductor S3F49FAXZZ Datasheet HTML 5Page - Samsung semiconductor S3F49FAXZZ Datasheet HTML 6Page - Samsung semiconductor S3F49FAXZZ Datasheet HTML 7Page - Samsung semiconductor S3F49FAXZZ Datasheet HTML 8Page - Samsung semiconductor S3F49FAXZZ Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SPECIFICATION
S3F49FAX
2
1.1 INTRODUCTION
Samsung's S3F49FAX is NAND flash memory controller which can control flash memories as solid state disk. It
provides PC Card ATA/IDE/USB interface, host and flash transfer rates up to 20.0MB/S. S3F49FAX can control
flash memory maximum 8 pieces. The device is designed using 0.35um CMOS process, assembled as 100-TQFP
package. It supports operation in both 5.0V and 3.3V.
An outstanding feature of the S3F49FAX flash disk controller is its CPU core: the ARM7TDMI 16/32-bit RISC
processor, designed by Advanced RISC Machine (ARM), Ltd. The ARM core is a low-power, general purpose,
microprocessor macro-cell that was developed for use in application-specific and customer-specific integrated
circuit. It is simple, elegant, and fully static design is particularly suitable for cost and power sensitive application.
PC Card-ATA/True IDE/CompactFlash/USB compatible host interface
Automatic sensing of PC Card ATA and IDE
Full Speed USB Function Controller compatible with the USB Specification Version 1.1
Included 256-byte CIS RAM
Five PC Card ATA addressing modes
Host data transfer rate: 20MB/s
Flash data transfer rate: 20MB/s
(It depends on the characteristics of flash memory)
Host Interface: 8/16-bit Access
Flash Interface: 8-bit Access
Support 3 power save mode: SLEEP/ACTIVE mode
(Auto power down function)
Support 128/256/512Mbit, 1Gbit, 2Gbit, 4Gbit NAND flash memory made by Samsung
NAND Flash Density
Min. / Max. Capacity (number of flash)
128M/256M/512M/1G bit (512Byte/page)
16MB / 1 G Byte (Up to 8EA)
1G / 2G / 4G bit (2048Byte/page)
256MB / 4 G Byte (Up to 8EA)
ECC function (Error correction algorithm): 2bit correction
Available 100-pin TQFP
Interface Voltage Range : 3.0 to 5.5V
Interface Support
Controller Part Number
Host interface
S3F49FAXZZ
CompactFlash
S3F49FAXZA
USB 1.1


Similar Part No. - S3F49FAXZZ

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
More results

Similar Description - S3F49FAXZZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRJ ETC2-AP-CF128ME3ER-NRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF128ME3ER-NRK ETC2-AP-CF128ME3ER-NRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
logo
Texas Instruments
AM6548 TI1-AM6548_V01 Datasheet
3Mb / 277P
[Old version datasheet]   Processors Silicon Revision 1.0
AM5748 TI1-AM5748 Datasheet
4Mb / 448P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM68A TI-AM68A Datasheet
4Mb / 251P
[Old version datasheet]   AM68Ax Processors, Silicon Revision 1.0
FEBRUARY 2023
AM69A TI-AM69A Datasheet
5Mb / 299P
[Old version datasheet]   AM69Ax Processors, Silicon Revision 1.0
Revision 1.0 FEBRUARY 2023
AM69A TI1-AM69A_V01 Datasheet
5Mb / 300P
[Old version datasheet]   AM69x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
AM5749 TI1-AM5749 Datasheet
4Mb / 448P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749_19 Datasheet
5Mb / 452P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM68A TI1-AM68A_V01 Datasheet
4Mb / 253P
[Old version datasheet]   AM68x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com