Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY101474-5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SY101474-5
Description  1K x 4 ECL RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SY101474-5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SY101474-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SY101474-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SY101474-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SY101474-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers SY101474-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers SY101474-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers SY101474-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SY101474-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers SY101474-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SY10/100/101474-3
SY10/100/101474-4
SY10/100/101474-5
SY10/100/101474-7
Parameter
Symbol Min.
Typ.
Max. Unit
Supply Voltage(1)
10K
VEE
–5.46
–5.2
–4.94
V
Case Temperature
TC
0
75
°C
Supply Voltage(1)
100K
VEE
–4.8
–4.5
–4.2
V
Case Temperature
TC
0
85
°C
Supply Voltage(1)
101K
VEE
–5.46
–5.2
–4.94
V
Case Temperature
TC
0
85
°C
NOTE:
1. Referenced to VCC.
FUNCTIONAL DESCRIPTION
The Synergy SY10/100/101474 are 4096-bit RAMs
organized as 1024-words-by-4-bits. Memory cell selection
is achieved by using the 10 address bits designated as A0
through A9.
Each of the 210 possible input address
combinations corresponds to a unique word location in
memory. The active low Chip Select (CS) is provided for
memory expansion.
The active low Write Enable (WE)
controls the read and write operation. Data resident on the
DIN inputs (DI0 through DI3) is written into the addressed
location only when WE and CS are held low. In order to
perform a read operation, WE is held high, CS is held low
and the non-inverted output data at the addressed location
is transferred to DOUT (DO0 through DO3) to be read out.
Open emitter outputs are provided for maximum flexibility
and memory expansion by allowing output wire-OR
connections. External termination of 50
Ω to –2.0V or an
equivalent circuit must be used to provide the specified
output levels.
The outputs are brought to a logical low level when the
RAM is being written into (WE = LOW) or when the device
is deselected via the active low chip select pin (CS = HIGH).
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Value
Unit
VEE
VEE Pin Potential
+0.5 to –7.0
V
to VCC Pin
VIN
Input Voltage
+0.5 to VEE
V
IOUT
DC Output Current
–30
mA
(Output High)
TC
Temperature Under Bias
–55 to +125
°C
Tstore
Storage Temperature
–65 to +150
°C
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS
are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions
for extended periods may affect device reliability.
GUARANTEED OPERATING CONDITIONS
CAPACITANCE
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Pin
CIN
4
pF
Capacitance
Output Pin
COUT
5
pF
Capacitance
RISE AND FALL TIME
Parameter
Code(1) Symbol Min.
Typ.
Max. Unit
Output Rise
F
tr
500
ps
Time
S
1500
Output Fall
F
tf
500
ps
Time
S
1500
NOTE:
1. F = Fast Edge Rate
S = Standard Edge Rate
SYNERGY
SEMICONDUCTOR


Similar Part No. - SY101474-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SY101422-3 ETC1-SY101422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY101422-4 ETC1-SY101422-4 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY101422-5 ETC1-SY101422-5 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY101422-7 ETC1-SY101422-7 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
More results

Similar Description - SY101474-5

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
List of Unclassifed Man...
SY10422-3 ETC1-SY10422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
Pyramid Semiconductor C...
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
List of Unclassifed Man...
SC5104 ETC1-SC5104 Datasheet
500Kb / 8P
   64K X 4 BiCMOS ECL I/O STATIC RAM
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Siemens Semiconductor G...
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com