Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10ELT28ZITR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10ELT28ZITR
Description  5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10ELT28ZITR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10ELT28ZITR Datasheet HTML 1Page - Micrel Semiconductor SY10ELT28ZITR Datasheet HTML 2Page - Micrel Semiconductor SY10ELT28ZITR Datasheet HTML 3Page - Micrel Semiconductor SY10ELT28ZITR Datasheet HTML 4Page - Micrel Semiconductor SY10ELT28ZITR Datasheet HTML 5Page - Micrel Semiconductor SY10ELT28ZITR Datasheet HTML 6Page - Micrel Semiconductor SY10ELT28ZITR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SY10ELT28
SY100ELT28
Micrel
PRODUCT ORDERING CODE
NOTES:
1. fMAX is defined as the maximum toggle frequency.
2. VPP (Min) is the minimum input swing for which AC parameters are guaranteed.
3. See “Timing Waveform.”
TIMING WAVEFORM
Q(0:9)
/Q(0:9)
150mV to 1200mV
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
f
MAX
MaximumFrequency(1) PECL
700
——
700
——
700
——
MHz
TTL
160
——
160
——
160
——
MHz
t
PLH
Propagation
DEC L ➝ QTTL
1.5
5.5
1.5
5.5
1.5
5.5
ns
C
L = 20pF
Delay
DTTL ➝ QECL
0.2
1.2
0.2
1.2
1.5
0.2
1.35
ns
50
Ω toV
CC–2V
t
PHL
Propagation
DEC L ➝ QTTL
1.5
5.5
1.5
5.5
1.5
5.5
ns
C
L = 20pF
Delay
DTTL ➝ QECL
0.2
1.2
0.2
1.2
1.5
0.2
1.35
ns
50
Ω toV
CC–2V
V
PP
PECL Input VoltageSwing(2)
200
800
1000
200
800
1000
200
800
1000
mV
(Single-Ended)(3)
tr
QECL Output Rise/Fall Times
0.15
1.5
0.15
0.3
1.5
0.15
1.5
ns
50
Ω to
tf
(20% to 80%)
V
CC –2V
QTTL Output Rise/Fall Times
C
L = 20pF;
(10% to 90%)
TTL
1.0
——
0.80
——
0.7
ns
TTL Output
AC ELECTRICAL CHARACTERISTICS
V
CC = +5.0V ±10%
Ordering
Package
Operating
Marking
Code
Type
Range
Code
SY10ELT28KI(1)
K8-1
Industrial
XL28
SY10ELT28KITR*(1)
K8-1
Industrial
XL28
SY100ELT28KI(1)
K8-1
Industrial
XL28
SY100ELT28KITR*(1)
K8-1
Industrial
XL28
SY10ELT28ZI(1)
Z8-1
Industrial
XEL28
SY10ELT28ZITR*(1)
Z8-1
Industrial
XEL28
SY100ELT28ZI(1)
Z8-1
Industrial
XEL28
SY100ELT28ZITR*(1)
Z8-1
Industrial
XEL28
Ordering
Package
Operating
Marking
Code
Type
Range
Code
SY10ELT28KC
K8-1
Commercial
XL28
SY10ELT28KCTR*
K8-1
Commercial
XL28
SY100ELT28KC
K8-1
Commercial
XL28
SY100ELT28KCTR*
K8-1
Commercial
XL28
SY10ELT28ZC
Z8-1
Commercial
XEL28
SY10ELT28ZCTR*
Z8-1
Commercial
XEL28
SY100ELT28ZC
Z8-1
Commercial
XEL28
SY100ELT28ZCTR*
Z8-1
Commercial
XEL28
*Tape and Reel
Note 1.
Recommended for new designs.


Similar Part No. - SY10ELT28ZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20V MICREL-SY10ELT20V Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20VZC MICREL-SY10ELT20VZC Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20VZC MICREL-SY10ELT20VZC Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20VZCTR MICREL-SY10ELT20VZCTR Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results

Similar Description - SY10ELT28ZITR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
MC10ELT20 ONSEMI-MC10ELT20_15 Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
Micrel Semiconductor
SY10ELT20V MICREL-SY10ELT20V_06 Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
logo
Fairchild Semiconductor
100ELT22 FAIRCHILD-100ELT22 Datasheet
119Kb / 5P
   5V Dual TTL to Differential PECL Translator
logo
Micrel Semiconductor
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com