Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89F538-201 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB89F538-201
Description  8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89F538-201 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB89F538-201 Datasheet HTML 1Page - Fujitsu Component Limited. MB89F538-201 Datasheet HTML 2Page - Fujitsu Component Limited. MB89F538-201 Datasheet HTML 3Page - Fujitsu Component Limited. MB89F538-201 Datasheet HTML 4Page - Fujitsu Component Limited. MB89F538-201 Datasheet HTML 5Page - Fujitsu Component Limited. MB89F538-201 Datasheet HTML 6Page - Fujitsu Component Limited. MB89F538-201 Datasheet HTML 7Page - Fujitsu Component Limited. MB89F538-201 Datasheet HTML 8Page - Fujitsu Component Limited. MB89F538-201 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
DS07-12547-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
8-bit Original Microcontroller
CMOS
F2MC-8L MB89530A Series
MB89535A/537A/537AC/538A/538AC/F538
MB89P538/PV530
s DESCRIPTION
The MB89530A series is a one-chip microcontroller featuring the F2MC-8L core supporting low-voltage and high-
speed operation. Built-in peripheral functions include timers, serial interface, A/D converter, and external interrupt.
This product is an ideal general-purpose one-chip microcontroller for a wide variety of applications from household
to industrial equipment, as well as use in portable devices.
s FEATURES
• Wide range of package options
• Two types of QFP packages (1 mm pitch, 0.65 mm pitch)
• LQFP package (0.5 mm pitch)
• SH-DIP package
• Low voltage, high-speed operating capability
• Minimum instruction execution time 0.32 µs (at base oscillator 12.5 MHz)
•F2MC-8L CPU Core
• Instruction set optimized for controller operation
• Multiplication/division instructions
• 16-bit calculation
• Branching instructions with bit testing
• Bit operation instructions, etc.
• Five timer systems
• 8-bit PWM timer with 2 channels (usable as either interval timer of PWM timer)
• Pulse width count timer (supports continuous measurement or remote control receiving applications)
• 16-bit timer counter
• 21-bit time base timer
• Watch prescaler (17-bit)
•UART
• Synchronous or asynchronous operation, switchable
• 2 serial interfaces (Serial I/O)
• Selection of transfer direction (specify MSB first or LSB first) for communication with a variety of devices
(Continued)


Similar Part No. - MB89F538-201

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89F538-201PV FUJITSU-MB89F538-201PV Datasheet
798Kb / 65P
   8-bit Original Microcontroller
More results

Similar Description - MB89F538-201

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89537H FUJITSU-MB89537H Datasheet
724Kb / 56P
   8-bit Original Microcontroller CMOS
MB89530 FUJITSU-MB89530 Datasheet
798Kb / 65P
   8-bit Original Microcontroller
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP92CF26AXBG TOSHIBA-TMP92CF26AXBG Datasheet
4Mb / 767P
   Original CMOS 32-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP92CA25FG TOSHIBA-TMP92CA25FG Datasheet
2Mb / 426P
   Original CMOS 32-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com