Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8538 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN8538
Description  Single PLL IC for cellular phone
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8538 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN8538 Datasheet HTML 1Page - Panasonic Semiconductor AN8538 Datasheet HTML 2Page - Panasonic Semiconductor AN8538 Datasheet HTML 3Page - Panasonic Semiconductor AN8538 Datasheet HTML 4Page - Panasonic Semiconductor AN8538 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AN8538SH
ICs for Mobile Communication
4
Pin No.
Equivalent circuit
Description
7
VCC
8
REF
9
Refer to pin 5
SELECT
10
LD
s Terminal Equivalent Circuits (continued)
8
10 k
10 k
10
s Application Notes
1. Input level characteristics
1) IF input level characteristics
Input frequency (MHz)
−40
−30
−20
−10
0
10
75 100
150
200
250
300
350
Ta = 85°C
Ta = −30°C, 25°C, 85°C
Ta = 25°C
VCC = 2.55 V to 3.3V
Upper limit
Lower limit
Ta = −30°C


Similar Part No. - AN8538

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8539SH PANASONIC-AN8539SH Datasheet
54Kb / 6P
   300 MHz-band single PLL IC
More results

Similar Description - AN8538

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6941KN ROHM-BH6941KN Datasheet
375Kb / 6P
   LED Driver IC for Cellular Phone
BH6942KN ROHM-BH6942KN Datasheet
378Kb / 6P
   LED Driver IC for Cellular Phone
BH6943KN ROHM-BH6943KN Datasheet
376Kb / 6P
   LED Driver IC for Cellular Phone
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
logo
Mitsubishi Electric Sem...
M64811AGP MITSUBISHI-M64811AGP Datasheet
47Kb / 9P
   1.1GHz/500MHz DUAL PLL FREQUENCY SYNTHESIZER FOR DIGITAL CELLULAR PHONE
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
logo
TOKO, Inc
DE3512C TOKO-DE3512C Datasheet
81Kb / 2P
   Fixed Inductors for Cellular Phone
logo
Rohm
BU8899GU ROHM-BU8899GU Datasheet
388Kb / 6P
   Sound Generator for cellular phone
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com