Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL11VZG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10EL11VZG
Description  5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL11VZG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EL11VZG Datasheet HTML 1Page - Micrel Semiconductor SY10EL11VZG Datasheet HTML 2Page - Micrel Semiconductor SY10EL11VZG Datasheet HTML 3Page - Micrel Semiconductor SY10EL11VZG Datasheet HTML 4Page - Micrel Semiconductor SY10EL11VZG Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SY10EL11V
SY100EL11V
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
FEATURES
5V/3.3V
1:2 DIFFERENTIAL
FANOUT BUFFER
PIN NAMES
Pin
Function
D
Data Inputs
Q0, Q1
Data Outputs
Precision Edge®
SY10EL11V
SY100EL11V
s 3.3V and 5V power supply options
s 265ps propagation delay
s 5ps skew between outputs
s High bandwidth output transitions
s Internal 75K
input pull-down resistors
s Replaces SY10/100EL11
s Improved output waveform characteristics
s Available in 8-pin SOIC package
The SY10/100EL11V are 1:2 differential fanout gates.
These devices are functionally similar to the E111A/L
devices, with higher performance capabilities. Having
within-device skews and output transition times
significantly improved over the E111A/L, the EL11V is
ideally suited for those applications which require the
ultimate in AC performance.
The differential inputs of the EL11V employ clamping
circuitry to maintain stability under open input conditions.
If the inputs are left open (pulled to VEE), the Q outputs
will go LOW.
1
Rev.: G
Amendment: /0
Issue Date:
March 2006
Precision Edge®
Precision Edge is a registered trademark of Micrel, Inc.


Similar Part No. - SY10EL11VZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL11VZG MICREL-SY10EL11VZG Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11VZG MICREL-SY10EL11VZG Datasheet
247Kb / 8P
   1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11VZG MICREL-SY10EL11VZG Datasheet
289Kb / 10P
   5V/3.3V 1:2 Differential Fanout Buffer
SY10EL11VZGTR MICREL-SY10EL11VZGTR Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11VZGTR MICREL-SY10EL11VZGTR Datasheet
247Kb / 8P
   1:2 DIFFERENTIAL FANOUT BUFFER
More results

Similar Description - SY10EL11VZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11V MICREL-SY10EL11V_14 Datasheet
289Kb / 10P
   5V/3.3V 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com