Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF50ACB453215-TL Datasheet(PDF) 1 Page - TDK Electronics

Part # HF50ACB453215-TL
Description  EMC Components
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HF50ACB453215-TL Datasheet(HTML) 1 Page - TDK Electronics

  HF50ACB453215-TL Datasheet HTML 1Page - TDK Electronics HF50ACB453215-TL Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
9415_HF_ACB
(1/2)
EMC Components
HF70ACB, HF50ACB, HF30ACB Series
Ferrite Beads
SMD
FEATURES
• This extensive series completely covers impedance values
ranging from 7 to 125
Ω[100MHz] and can be applied to a wide
range of circuits.
• The 2012, 3216, 3225 and 4532 types all use HF70, 50 and 30
materials. The most suitable component can be selected for the
circuit pattern and the suppression band.
• These components are applicable for both flow and reflow
solderings, and have outstanding physical characteristics such
as excellent terminal strength, body strength, resistance to
soldering heat, solderability and mounting reliability.
SHAPES AND DIMENSIONS
Dimensions in mm
RECOMMENDED PC BOARD PATTERNS
REFLOW AND FLOW SOLDERINGS
Dimensions in mm
CIRCUIT DIAGRAM
PRODUCT IDENTIFICATION
(1) Material name
(2) Series name
(3) Dimension code
(4) Packaging style
T: ø180mm reel taping
TL: ø330mm reel taping
ELECTRICAL CHARACTERISTICS
: Packaging style(T: Taping[ø180mm reel], TL: Taping[ø330mm reel])
Type
L
W
T
D
201209
2±0.2
1.25±0.2
0.9±0.2
0.3±0.2
321611
3.2±0.2
1.6±0.2
1.1±0.2
0.3±0.2
322513
3.2±0.2
2.5±0.2
1.3±0.2
0.3±0.2
453215
4.5±0.25
3.2±0.25
1.5±0.25
0.3±0.2
Type
a
b
c
201209
1
1
1
321611
1.1
2.2
1.4
322513
1.1
2.2
2.3
453215
1.5
3
3
L
D
Terminal
electrode
Ferrite
Insulation resin
ab
a
Resist
Land pattern
No directionality
Type
Part No.
Impedance
(
Ω)[100MHz]
DC
resistance
(
Ω)max.
Rated
current
(mA)max.
201209
HF70ACB201209-
10±25%
0.1
600
HF50ACB201209-
11±25%
0.1
600
HF30ACB201209-
7±25%
0.1
600
321611
HF70ACB321611-
26±25%
0.2
500
HF50ACB321611-
31±25%
0.2
500
HF30ACB321611-
19±25%
0.2
500
322513
HF70ACB322513-
52±25%
0.3
400
HF50ACB322513-
60±25%
0.3
400
HF30ACB322513-
31±25%
0.3
400
453215
HF70ACB453215-
120±25%
0.4
300
HF50ACB453215-
125±25%
0.4
300
HF30ACB453215-
70±25%
0.4
300
HF70 ACB 201209 - T
(1)
(2)
(3)
(4)


Similar Part No. - HF50ACB453215-TL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF50ACB453215-T TDK-HF50ACB453215-T Datasheet
102Kb / 8P
   Chip Beads
HF50ACB453215-T TDK-HF50ACB453215-T Datasheet
102Kb / 8P
   Chip Beads
HF50ACB453215-T TDK-HF50ACB453215-T Datasheet
102Kb / 8P
   Chip Beads
HF50ACB453215-T TDK-HF50ACB453215-T_15 Datasheet
102Kb / 8P
   Chip Beads
More results

Similar Description - HF50ACB453215-TL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF30ACC453215-T TDK-HF30ACC453215-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads
HF201209 TDK-HF201209 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC453215-T TDK-HF70ACC453215-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC635050-T TDK-HF70ACC635050-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC322513-T TDK-HF70ACC322513-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
ACB2012M-080-T TDK-ACB2012M-080-T Datasheet
86Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC201209-T TDK-HF70ACC201209-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
logo
American Bright OPTOELE...
BB-HRGB39P-TRB-1 AMERICANBRIGHT-BB-HRGB39P-TRB-1 Datasheet
404Kb / 9P
   RGB IC (PLCC/EMC) LED Components
Ver1.0
logo
TDK Electronics
MZA2010 TDK-MZA2010 Datasheet
76Kb / 3P
   EMC Components Ferrite Beads SMD Array
ZBDS TDK-ZBDS Datasheet
38Kb / 1P
   EMC Components Ferrite Beads SMD Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com