Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC9131BQS Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC9131BQS
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9131BQS Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC9131BQS Datasheet HTML 1Page - Micrel Semiconductor MIC9131BQS Datasheet HTML 2Page - Micrel Semiconductor MIC9131BQS Datasheet HTML 3Page - Micrel Semiconductor MIC9131BQS Datasheet HTML 4Page - Micrel Semiconductor MIC9131BQS Datasheet HTML 5Page - Micrel Semiconductor MIC9131BQS Datasheet HTML 6Page - Micrel Semiconductor MIC9131BQS Datasheet HTML 7Page - Micrel Semiconductor MIC9131BQS Datasheet HTML 8Page - Micrel Semiconductor MIC9131BQS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
July 2001
5
MIC9131
MIC9131
Micrel
Typical Characteristics
-0.5
-0.4
-0.3
-0.2
-0
0.0
0.1
0.2
0.3
8
9 10 11 12 13 14 15 16 17 18
V
CC (V)
Oscillator Frequency
vs. V
CC
Voltage
F
OSC(NOM)=200kHz
R
t
=9.47K
Ct=470pF
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-40
0
40
80
120
160
TEMPERATURE (
°C)
Oscillator Frequency
vs. Temperature
V
CC = 10V
R
BIAS = 560K
R
t
= 9.47K
C
t
= 470pF
2.499
2.500
2.501
2.502
8
9 10 11 12 13 14 15 16 17 18
V
CC (V)
Error Amp Reference Voltage
vs. V
CC
Voltage
R
BIAS = 560K
2.480
2.485
2.490
2.495
2.500
2.505
2.510
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Error Amp Reference Voltage
vs. Temperature
V
CC
= 10V
R
BIAS = 560K
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
8
9 10 11 12 13 14 15 16 17 18
V
CC
(V)
Line UVLO Threshold
vs. V
CC
1.18
1.19
1.2
1.21
1.22
1.23
1.24
-40
0
40
80
120
160
TEMPERATURE (
°C)
Line UVLO Threshold
vs. Temperature
V
CC=10V
R
BIAS=560K
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
8
1012141618
V
CC (V)
Quiescent Current
vs. V
CC
Voltage
R
BIAS
= 560K
R
t
= 9.47K
C
t
= 470pF
1.3
1.32
1.34
1.36
1.38
1.4
1.42
1.44
1.46
1.48
1.5
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Quiescent Current
vs. Temperature
V
CC = 10V
R
BIAS = 560K
R
t
= 9.47K
C
t
= 470pF
0
1
2
3
4
5
6
7
8
9
10
GATE DRIVE FREQUENCY (kHz)
Quiescent Current
vs. Frequency
C
t
= 100pF
C
t
= 470pF
0.5
1
1.5
2
2.5
3
3.5
0
200 400 600 800 1000 1200
R
BIAS (kΩ)
Quiescent Current
vs. R
BIAS
V
CC = 10V
R
t
= 9.53K
C
t
= 470pf
f
OSC = 200kHz
0
10
20
30
40
50
60
70
80
90
0
200 400 600 800 1000 1200
R
BIAS
(k
Ω)
ISNS to Gate Output Delay
vs. R
BIAS
0
20
40
60
80
100
120
140
160
180
200
OVERDRIVE (mV)
ISNS to Gate Output Delay
vs. Overdrive
R
BIAS=160K
R
BIAS=560K
R
BIAS=360K


Similar Part No. - MIC9131BQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9131BQS MICREL-MIC9131BQS Datasheet
912Kb / 19P
   High-Voltage, High-Speed Telecom
More results

Similar Description - MIC9131BQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130 Datasheet
395Kb / 19P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130 MICREL-MIC9130_08 Datasheet
257Kb / 19P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9131 MICREL-MIC9131_06 Datasheet
912Kb / 19P
   High-Voltage, High-Speed Telecom
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3811 LINER-LTC3811 Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
logo
Sanyo Semicon Device
LA5528N SANYO-LA5528N Datasheet
69Kb / 3P
   Low-Voltage DC Motor Speed Controller?
LA5523 SANYO-LA5523 Datasheet
52Kb / 1P
   LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
logo
List of Unclassifed Man...
KA2202 ETC-KA2202 Datasheet
85Kb / 3P
   LOW VOLTAGE DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5527M SANYO-LA5527M Datasheet
56Kb / 3P
   Low-Voltage DC Motor Speed Controller?
LA5527 SANYO-LA5527 Datasheet
58Kb / 3P
   Low-Voltage DC Motor Speed Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com