Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4361 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4361
Description  ADSL Drivers/Receivers for Customer Premise Equipment
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4361 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4361 Datasheet HTML 2Page - Maxim Integrated Products MAX4361 Datasheet HTML 3Page - Maxim Integrated Products MAX4361 Datasheet HTML 4Page - Maxim Integrated Products MAX4361 Datasheet HTML 5Page - Maxim Integrated Products MAX4361 Datasheet HTML 6Page - Maxim Integrated Products MAX4361 Datasheet HTML 7Page - Maxim Integrated Products MAX4361 Datasheet HTML 8Page - Maxim Integrated Products MAX4361 Datasheet HTML 9Page - Maxim Integrated Products MAX4361 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ADSL Drivers/Receivers for Customer Premise
Equipment
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V+ = 5V, GND = 0, VCM = 2.5V, RL = 12.5
Ω, SHDN = 0, TA = +25°C.)
FREQUENCY (Hz)
100k
-90
-80
-70
-60
-50
-40
-100
10k
1M
RECEIVER DIFFERENTIAL DISTORTION
vs. FREQUENCY
3RD HARMONIC
2ND HARMONIC
VOUT = 1VP-P
G = 1
RL = 150
FREQUENCY (Hz)
100k
10k
1
1M
1k
100
0.1
1
10
10
100
0.1
MAX4361 toc11
RECEIVER CURRENT AND VOLTAGE
NOISE vs. FREQUENCY
VNOISE
INOISE
RECEIVER GAIN AND PHASE
vs. FREQUENCY
MAX4361 toc12
FREQUENCY (Hz)
100M
10M
1M
100k
-20
-10
0
10
20
30
40
50
60
70
-30
10k
1G
GAIN
PHASE
G = 1000
RL = 500
-150
-120
-90
-60
-30
0
30
60
90
120
-180
FREQUENCY (Hz)
10M
1M
100k
10k
-70
-60
-50
-40
-30
-20
-10
0
10
-80
1k
100M
RECEIVER POWER-SUPPLY REJECTION
RATIO vs. FREQUENCY
G = 1
DRIVER-TO-RECEIVER CROSSTALK
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
100k
-100
-80
-60
-40
-20
0
-120
10k
1G
RL = 12.5
NO LOAD
RECEIVER-TO-RECEIVER CROSSTALK
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
100k
-100
-80
-60
-40
-20
0
-120
10k
1G
NO LOAD
RL = 150
RECEIVER OUTPUT AMPLITUDE
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
100k
-8
-6
-4
-2
0
2
4
-10
10k
1G
RF = 100
RF = 1k
RF = 500
G = -1
RL = 150
VP-P = 100mV


Similar Part No. - MAX4361

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX436 MAXIM-MAX436 Datasheet
700Kb / 16P
   Wideband Trasconductance Amplifiers
Rev 1; 4/93
MAX4360EAX MAXIM-MAX4360EAX Datasheet
249Kb / 16P
   Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
Rev 1; 12/99
MAX4360EAX MAXIM-MAX4360EAX Datasheet
444Kb / 17P
   Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
2007
MAX4364 MAXIM-MAX4364 Datasheet
682Kb / 15P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4364 MAXIM-MAX4364 Datasheet
415Kb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11
More results

Similar Description - MAX4361

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
32824 SCHOTT-32824 Datasheet
18Kb / 1P
   TRANSFORMER, ADSL CUSTOMER PREMISE
33817 SCHOTT-33817 Datasheet
19Kb / 1P
   TRANSFORMER, ADSL CUSTOMER PREMISE
33818 SCHOTT-33818 Datasheet
26Kb / 1P
   TRANSFORMER ADSL CUSTOMER PREMISE
36539 SCHOTT-36539 Datasheet
18Kb / 1P
   TRANSFORMER, ADSL CUSTOMER PREMISE
37039 SCHOTT-37039 Datasheet
29Kb / 1P
   TRANSFORMER, ADSL, CUSTOMER PREMISE
32828 SCHOTT-32828 Datasheet
20Kb / 1P
   TRANSFORMER, ADSL CUSTOMER PREMISE
35625 SCHOTT-35625 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL CUSTOMER PREMISE
logo
List of Unclassifed Man...
C1603 ETC-C1603 Datasheet
39Kb / 1P
   Acatel ADSL XFMR, UL1459 Alcatel Release 3.0 and 4.0, Customer Premise
logo
Maxim Integrated Produc...
MAX9480 MAXIM-MAX9480 Datasheet
465Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 1; 1/03
MAX9480 MAXIM-MAX9480_05 Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com