Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7P803611M Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K7P803611M
Description  256Kx36 & 512Kx18 SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7P803611M Datasheet(HTML) 5 Page - Samsung semiconductor

  K7P803611M Datasheet HTML 1Page - Samsung semiconductor K7P803611M Datasheet HTML 2Page - Samsung semiconductor K7P803611M Datasheet HTML 3Page - Samsung semiconductor K7P803611M Datasheet HTML 4Page - Samsung semiconductor K7P803611M Datasheet HTML 5Page - Samsung semiconductor K7P803611M Datasheet HTML 6Page - Samsung semiconductor K7P803611M Datasheet HTML 7Page - Samsung semiconductor K7P803611M Datasheet HTML 8Page - Samsung semiconductor K7P803611M Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Rev 1.0
K7P801811M
256Kx36 & 512Kx18 SRAM
5
K7P803611M
Nov. 1999
TRUTH TABLE
K
ZZ
G
SS
SW
SWa
SWb
SWc
SWd
DQa
DQb
DQc
DQd
Operation
X
H
X
X
X
X
X
X
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Power Down Mode. No Operation
X
L
H
X
X
X
X
X
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Output Disabled.
L
L
H
X
X
X
X
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Output Disabled. No Operation
L
L
L
H
X
X
X
X
DOUT
DOUT
DOUT
DOUT Read Cycle
L
X
L
L
H
H
H
H
Hi-Z
Hi-Z
Hi-Z
Hi-Z
No Bytes Written
L
X
L
L
L
H
H
H
DIN
Hi-Z
Hi-Z
Hi-Z
Write first byte
L
X
L
L
H
L
H
H
Hi-Z
DIN
Hi-Z
Hi-Z
Write second byte
L
X
L
L
H
H
L
H
Hi-Z
Hi-Z
DIN
Hi-Z
Write third byte
L
X
L
L
H
H
H
L
Hi-Z
Hi-Z
Hi-Z
DIN
Write fourth byte
L
X
L
L
L
L
L
L
DIN
DIN
DIN
DIN
Write all bytes
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Value
Unit
Note
Core Supply Voltage Relative to VSS
VDD
-0.5 to 3.9
V
Output Supply Voltage Relative to VSS
VDDQ
-0.5 to 3.9
V
Voltage on any I/O pin Relative to VSS
VTERM
-0.5 to VDD+0.5
V
Output Short-Circuit Current
IOUT
25
mA
Operating Temperature
TOPR
0 to 70
°C
Storage Temperature
TSTG
-55 to 125
°C
RECOMMENDED DC OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Note
Core Power Supply Voltage
VDD
3.15
3.3
3.45
V
Output Power Supply Voltage
VDDQ
1.4
1.5
1.6
V
Input High Level
VIH
VREF+0.1
-
VDDQ+0.3
V
Input Low Level
VIL
-0.3
-
VREF-0.1
V
Input Reference Voltage
VREF
0.6
VDDQ/2
2VDDQ/3
V
Clock Input Signal Voltage
VIN-CLK
-0.3
-
VDDQ+0.3
V
Clock Input Differential Voltage
VDIF-CLK
0.1
-
VDDQ+0.6
V
Clock Input Common Mode Voltage
VCM-CLK
0.6
VDDQ/2
2VDDQ/3
V


Similar Part No. - K7P803611M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7P803611B SAMSUNG-K7P803611B Datasheet
256Kb / 13P
   256Kx36 & 512Kx18 Synchronous Pipelined SRAM
K7P803611B-HC25 SAMSUNG-K7P803611B-HC25 Datasheet
256Kb / 13P
   256Kx36 & 512Kx18 Synchronous Pipelined SRAM
K7P803611B-HC27 SAMSUNG-K7P803611B-HC27 Datasheet
256Kb / 13P
   256Kx36 & 512Kx18 Synchronous Pipelined SRAM
K7P803611B-HC30 SAMSUNG-K7P803611B-HC30 Datasheet
256Kb / 13P
   256Kx36 & 512Kx18 Synchronous Pipelined SRAM
K7P803611B-HC33 SAMSUNG-K7P803611B-HC33 Datasheet
256Kb / 13P
   256Kx36 & 512Kx18 Synchronous Pipelined SRAM
More results

Similar Description - K7P803611M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7D803671B SAMSUNG-K7D803671B Datasheet
270Kb / 16P
   256Kx36 & 512Kx18 SRAM
K7A803600M SAMSUNG-K7A803600M Datasheet
542Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803600B SAMSUNG-K7A803600B_06 Datasheet
422Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
KM718V987 SAMSUNG-KM718V987 Datasheet
574Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609B SAMSUNG-K7A803609B_06 Datasheet
420Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
DS_K7A803600B SAMSUNG-DS_K7A803600B Datasheet
401Kb / 18P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B801825M SAMSUNG-K7B801825M Datasheet
582Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803601M SAMSUNG-K7A803601M Datasheet
466Kb / 17P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B803625B SAMSUNG-K7B803625B Datasheet
460Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609A SAMSUNG-K7A803609A Datasheet
372Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com