Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2160X1EN1S Datasheet(PDF) 1 Page - Microsemi Corporation

Part # G2160X1EN1S
Description  Silicon Power Rectifier Assemblies Plate Heatsink
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

G2160X1EN1S Datasheet(HTML) 1 Page - Microsemi Corporation

  G2160X1EN1S Datasheet HTML 1Page - Microsemi Corporation G2160X1EN1S Datasheet HTML 2Page - Microsemi Corporation G2160X1EN1S Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - G2160X1EN1S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G216 MPD-G216 Datasheet
75Kb / 2P
   Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
G216E MPD-G216E Datasheet
199Kb / 2P
   Low Cost, 2W Compact MiniDIP DC/DC Converters
G216EI MPD-G216EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
G216I MPD-G216I Datasheet
77Kb / 2P
   Compact MiniDIP, 2W High Isolation DC/DC Converters
G216RW MPD-G216RW Datasheet
164Kb / 2P
   Compact MiniDIP, 2W Wide Input Range DC/DC Converters
More results

Similar Description - G2160X1EN1S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RHS100 ETC2-RHS100 Datasheet
92Kb / 1P
   Heatsink Assemblies (cont.)
logo
Ohmite Mfg. Co.
CP4-114A OHMITE-CP4-114A Datasheet
295Kb / 2P
   Cold Plate Four-pass Heatsink
CP-SERIES OHMITE-CP-SERIES Datasheet
436Kb / 2P
   Cold Plate Four-pass Heatsink
logo
Electronic devices inc.
KVP5 EDI-KVP5 Datasheet
49Kb / 2P
   KILOVOLT RECTIFIER ASSEMBLIES
logo
Powerex Power Semicondu...
PAA6T6200620 POWEREX-PAA6T6200620 Datasheet
1Mb / 2P
   Rectifier & SCR Assemblies
logo
Dynex Semiconductor
AN4505 DYNEX-AN4505 Datasheet
116Kb / 5P
   Power Assemblies
logo
Electronic devices inc.
KMO EDI-KMO Datasheet
49Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLIES
logo
Frontier Electronics.
HV07-08 FRONTIER-HV07-08 Datasheet
121Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLIES
logo
Electronic devices inc.
HTD EDI-HTD Datasheet
41Kb / 2P
   Operation High Voltage Rectifier Assemblies
KHP EDI-KHP Datasheet
57Kb / 2P
   KILOVOLT HIGH CURRENT RECTIFIER ASSEMBLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com