Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMP-1032A Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDMP-1032A
Description  Transmitter/Receiver Chip Set
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1032A Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1032A Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-1032A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-1032A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1032A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1032A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1032A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1032A Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1032A Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1032A Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
When the Tx and Rx clock are
not synchronous, FIFO’s are usu-
ally used to cross the frequency
domains. The size of the FIFO
and the frequency difference
determine the maximum packet
size of transmission.
When the clock from the Tx is
synchronous with the Rx clock,
data can be transmitted continu-
ously without FIFO’s since the
parallel output data is synchro-
nous with the local REFCLK.
However, due to link distance and
other physical variables, the rela-
tive phase of the REFCLK to the
recovered data is unpredictable.
Because of this unknown phase,
the sampling of the recovered
word must be adjusted so that the
internal setup/hold times are not
violated. Furthermore, in a multi-
channel system, the setting of the
phase must be consistent so that
time slots across the channels
are preserved.
The PASS system was designed to
address these issues by sensing
the phase difference between the
local REFCLK with the recovered
clock, and shifts the phase of
the parallel output data with the
DELAY block, such that it can be
clocked out with the rising edge
static valid code-field bits being
embedded within the data-field.
Enhanced simplex mode can be
turned off (ESMPXENB=0) to
make it compatible with
previous versions of G-Link.
With this mode turned off and
TXFLGENB=1, the flag bit is
sent unscrambled to the Rx.
If TXFLGENB=0, the flag
bit will alternate at the Tx.
When RXFLGENB=0, the Rx
will use this alternating flag for
error checking.
Parallel Automatic Synchronization
System (Pass)
As shown in Figure 4, this system
consists of three blocks: the
parallel delay block (DELAY),
the output latch block (OUTPUT
LATCH), and the synchronization
logic block (SYNC LOGIC). This
system was designed to provide
a simple interface to the parallel
outputs for a synchronous system.
Background
Traditionally, the parallel outputs
are clocked out with the falling
edge of RXCLK1 as shown in
Figure 4.1. Since this clock is
recovered from the serial data,
this clock is synchronous with
the remote clock at the Tx.
Demultiplexer (DEMUX)
This block takes the recovered
serial data from the CDR block
and demultiplexes it into a 20-bit
parallel word comprised of a
16-bit word-field and 4-bit
code-field.
Decoder (DECODE)
This block decodes the 4-bit
code-field and determines
whether the 16-bit word-field is:
normal or inverted; data, control,
or idle words; or errors. The
flag bit is also decoded from
the data word.
Word Alignment (WORD ALIGN)
This block detects the error out-
put of the decoder block. Upon
detecting two consecutive errors,
WORD ALIGN requests a bit
adjustment to the clock generator
(assuming WSYNCDSB=0).
If enhanced simplex mode is
engaged (ESMPXENB=1), the
Word Align block looks for a
transition in the scrambled flag
bit over a window of 32 words.
If a transition is not detected,
WORD ALIGN requests a bit
adjustment to the clock generator
(assuming WSYNCDSB=0).
When the bit adjustment output
has been low for 64 up to 128
words, the RXREADY output goes
high. If the bit adjustment output
goes high, RXREADY
immediately goes low.
Flag Descrambler
(FLAG DESCRM)
This block descrambles the flag
bit if the enhanced simplex mode
is engaged (ESMPXENB=1); oth-
erwise, the flag bit is unaltered.
Scrambling ensures that the flag
bit is dynamic and thus can be
detected by the word alignment
block. Scrambling of the flag
bit provides an extra level of
protection to guard against im-
proper word alignment caused by
Figure 4.1. Traditional G-Link configuration with PASS disabled (PASSENB=0).
Recovered data words and RXCLK0/1 are synchronous with TXCLK.
HSOUT±
HSIN±
Rx
Tx
TXCLK
TXCLK
REFCLK
REFCLK
SRQOUT
NC
NC
SRQIN
SHFIN
SHFOUT
RXCLK0/1
RX[0-15]
NC
NC
DATA 16 BITS
TX[0-15]
PASSENB


Similar Part No. - HDMP-1032A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1032 HP-HDMP-1032 Datasheet
346Kb / 32P
   1.4 GBd Transmitter/Receiver Chip Set with CIMT Encoder/Decoder and Variable Data Rate
More results

Similar Description - HDMP-1032A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1032 HP-HDMP-1032 Datasheet
346Kb / 32P
   1.4 GBd Transmitter/Receiver Chip Set with CIMT Encoder/Decoder and Variable Data Rate
logo
Epson Company
S1R77081F EPSON-S1R77081F Datasheet
161Kb / 2P
   RSDS Transmitter/Receiver
logo
STMicroelectronics
STB4395 STMICROELECTRONICS-STB4395 Datasheet
153Kb / 16P
   CT2 RECEIVER/TRANSMITTER
logo
rfsolutions.ltd
RF620T RFSOLUTIONS-RF620T Datasheet
132Kb / 7P
   SmartRadio Transmitter / Receiver
logo
Logic Fruit Technologie...
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
   Transmitter and Receiver
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923_05 Datasheet
805Kb / 33P
   HOTLink Transmitter/Receiver
logo
rfsolutions.ltd
UTR3 RFSOLUTIONS-UTR3 Datasheet
766Kb / 2P
   Ultrasonic Transmitter / Receiver
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923 Datasheet
629Kb / 35P
   HOTLink??Transmitter/Receiver
logo
Logic Fruit Technologie...
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
   Transmitter and Receiver
logo
Aeroflex Circuit Techno...
MT25003 AEROFLEX-MT25003 Datasheet
1,001Kb / 24P
   ARINC629 RECEIVER TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com