Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC920BC5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC920BC5
Description  80MHz Low-Power SC-70 Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC920BC5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC920BC5 Datasheet HTML 1Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 2Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 3Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 4Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 5Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 6Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 7Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 8Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC920
Micrel
MIC920
4
December 2001
Test Circuits
2k
10k
10k
10k
0.1
µF
0.1
µF
0.1
µF
10
µF
50
50
50
0.1
µF
10
µF
All resistors:
1% metal film
Output
Input
Input
V+
V–
MIC920
4
5
3
1
2
BNC
BNC
BNC
PSRR vs. Frequency
R2 4k
S2
S1
0.1
µF
10
µF
0.1
µF
10
µF
10pF
10pF
V+
V–
MIC920
4
5
3
1
2
BNC
R4 27k
R3 27k
R1
20
R5
20
100pF
To
Dynamic
Analyzer
Noise Measurement
0.1
µF
10
µF
0.1
µF
10
µF
V+
V–
MIC920
4
5
3
1
2
BNC
R7c 2k
R7b 200
R7a 100
Input
R6
5k
R2
5k
R3
200k
R4
250
R5
5k
Output
R1 5k
BNC
All resistors 1%
VV
R2
R1
R2
R
R4
OUT
ERROR
=+
+
++


1
5
R7
CMRR vs. Frequency
V+
VIN
V–
MIC920
4
5
3
1
2
300
50
VOUT
FET Probe
1k
CL
0.1
µF
10
µF
0.1
µF
10
µF
Closed Loop Frequency Response Measurement


Similar Part No. - MIC920BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC920BC5 MICREL-MIC920BC5 Datasheet
1Mb / 11P
   80MHz Low-Power SC-70 Op Amp
More results

Similar Description - MIC920BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC920 MICREL-MIC920_06 Datasheet
1Mb / 11P
   80MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922 Datasheet
277Kb / 12P
   230MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922_06 Datasheet
659Kb / 11P
   230MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921 Datasheet
161Kb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921_06 Datasheet
1Mb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
   51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
   27MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Texas Instruments
OPA358 TI1-OPA358 Datasheet
854Kb / 18P
[Old version datasheet]   3V Single-Supply 80MHz High-Speed Op Amp
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com