Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG894DW Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG894DW
Description  Component Video Selector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG894DW Datasheet(HTML) 3 Page - Vishay Siliconix

  DG894DW Datasheet HTML 1Page - Vishay Siliconix DG894DW Datasheet HTML 2Page - Vishay Siliconix DG894DW Datasheet HTML 3Page - Vishay Siliconix DG894DW Datasheet HTML 4Page - Vishay Siliconix DG894DW Datasheet HTML 5Page - Vishay Siliconix DG894DW Datasheet HTML 6Page - Vishay Siliconix DG894DW Datasheet HTML 7Page - Vishay Siliconix DG894DW Datasheet HTML 8Page - Vishay Siliconix DG894DW Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DG894
Vishay Siliconix
Document Number: 70072
S-52433—Rev. D, 06-Sep-99
www.siliconix.com
S FaxBack 408-970-5600
5-3
SPECIFICATIONS
Test Conditions
Unless Otherwise Specified
Limits
–40 to 85
_C
Parameter
Symbol
VDD = 12 V, VSS = –5 V
VINH = 3 V, VINL = 1.5 Ve
Tempa
Minc
Typb
Maxc
Unit
Supply Voltage
Positive Supply Current
I+
All Control Inputs 0 V, 5 V
Room
Full
3
4
8
10
mA
Negative Supply Current
I–
All Control Inputs 0 V, 5 V
Room
Full
–8
–10
–2.5
–3.0
mA
Notes:
a.
Room = 25
_C, Full = as determined by the operating temperature suffix.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d.
Guaranteed by design, not subject to production test.
e.
VIN = input voltage to perform proper function.
Purchase of Vishay Siliconix DG894 components conveys a license to use them in the I2C system as defined by Philips.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
rDS(on) vs. Drain Voltage
tON vs. Bipolar Supply Voltage
rDS(on) vs. Drain Voltage
tOFF vs. Bipolar Supply Voltage
V+ – Positive Supply (V)
V+ – Positive Supply (V)
VD – Drain Voltage (V)
VD – Drain Voltage (V)
200
180
20
160
140
120
100
80
60
200
180
20
160
140
120
100
80
60
40
V+ = 12 V
V– = 0 V
IS = –10 mA
25
_C
85
_C
–40
_C
106
100
94
76
10.8
11.2
13.2
88
82
11.6
12.0
12.4
12.8
85
_C
25
_C
–40
_C
V– = –5 V
See Figure 1
45.5
43.5
41.5
35.5
10.8
11.2
13.2
39.5
37.5
11.6
12.0
12.4
12.8
85
_C
25
_C
–40
_C
V– = –5 V
See Figure 1
V+ = 12 V
V– = –5 V
IS = –10 mA
40
25
_C
85
_C
–40
_C
–4
–2
0
2
4
8
60
2
4
8
6


Similar Part No. - DG894DW

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DG8040C TOKO-DG8040C Datasheet
82Kb / 1P
   Low Profile (H 4.0mm Max).
logo
Dynex Semiconductor
DG808BC45 DYNEX-DG808BC45 Datasheet
216Kb / 12P
   Gate Turn-off Thyristor
DG808BC45 DYNEX-DG808BC45_15 Datasheet
298Kb / 12P
   Gate Turn-off Thyristor
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
logo
Willow Technologies Ltd
DG81 WILLOW-DG81 Datasheet
275Kb / 3P
   sub miniature automotive power relay
More results

Similar Description - DG894DW

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX25836 CONEXANT-CX25836 Datasheet
257Kb / 4P
   YPbPr component video input
logo
List of Unclassifed Man...
TDA9045 ETC-TDA9045 Datasheet
183Kb / 5P
   VIDEO PROCESSOR AND INPUT SELECTOR
logo
Maxim Integrated Produc...
MAX7449 MAXIM-MAX7449_V01 Datasheet
264Kb / 6P
   3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 1; 4/06
MAX7449 MAXIM-MAX7449 Datasheet
184Kb / 6P
   3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 0; 9/03
logo
Micrel Semiconductor
MIC1700 MICREL-MIC1700_11 Datasheet
138Kb / 10P
   HDTV/SDTV 6th Order Video Filter for Component Video plus Composite Video
logo
Toshiba Semiconductor
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
   Multi System Video Decoder for Component input
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
logo
Tripp Lite. All Rights ...
A008006 TRIPPLITE-A008006 Datasheet
474Kb / 2P
   Component Video Gold Cable (3xRCA M-M), 6-ft
logo
Texas Instruments
TVP5160 TI1-TVP5160_11 Datasheet
1Mb / 111P
[Old version datasheet]   NTSC/PAL/SECAM/Component 2x10-Bit Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com