Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG894 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG894
Description  Component Video Selector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG894 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG894 Datasheet HTML 2Page - Vishay Siliconix DG894 Datasheet HTML 3Page - Vishay Siliconix DG894 Datasheet HTML 4Page - Vishay Siliconix DG894 Datasheet HTML 5Page - Vishay Siliconix DG894 Datasheet HTML 6Page - Vishay Siliconix DG894 Datasheet HTML 7Page - Vishay Siliconix DG894 Datasheet HTML 8Page - Vishay Siliconix DG894 Datasheet HTML 9Page - Vishay Siliconix DG894 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DG894
Vishay Siliconix
www.siliconix.com
S FaxBack 408-970-5600
5-6
Document Number: 70072
S-52433—Rev. D, 06-Sep-99
OPERATING VOLTAGE RANGE
–5.5 –5.0
–4.5 –4.0 –3.5 –3.0
–2.5 –2.0 –1.5
–1.0 –0.5
–0.0
0
2
4
6
8
10
12
14
16
18
20
V– – Negative Supply Voltage (V)
f a Data Sheet Test Conditions
Operating
Voltage
Area
FIGURE 5.
PIN DESCRIPTION
Symbol
Description
Y0, Y1, Y2
An analog channel input, typically luminance.
C0, C1, C2
An analog channel input, typically chrominance.
R1, R2, G1, G2, B1, B2, FB1, FB2
An analog channel input, typically “red”, “green”, “blue” or “fast blanking”, as appropriate.
GND
Analog and digital ground.
VDD
Positive supply voltagea
VSS
Negative supply voltage
YOUT, COUT
An analog channel output, typically luminance or chrominance, as appropriate
ROUT, GOUT, BOUT, FBOUT
An analog channel output, typically “red”, “green”, “blue” or “fast blanking”, as appropriate.
SMO
A low selects serial mode (I2C) operation. A high selects CMOS operation.
SDA
Serial data lineb
SCL
Serial clock lineb
SEL
CMOS control line or I2C addressc select line
Notes:
a. Both VDD pins (Pin 1 and Pin 26) must be connected for proper operation.
b. SDA and SCL pins become CMOS control inputs when SMO = High.
c. The SEL pin, in I2C bus operation (i.e., with SMO low), is the least significant bit of the device address. This allows two devices to operate on the same I2C
bus, yet retain independent control.


Similar Part No. - DG894

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DG8040C TOKO-DG8040C Datasheet
82Kb / 1P
   Low Profile (H 4.0mm Max).
logo
Dynex Semiconductor
DG808BC45 DYNEX-DG808BC45 Datasheet
216Kb / 12P
   Gate Turn-off Thyristor
DG808BC45 DYNEX-DG808BC45_15 Datasheet
298Kb / 12P
   Gate Turn-off Thyristor
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
logo
Willow Technologies Ltd
DG81 WILLOW-DG81 Datasheet
275Kb / 3P
   sub miniature automotive power relay
More results

Similar Description - DG894

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX25836 CONEXANT-CX25836 Datasheet
257Kb / 4P
   YPbPr component video input
logo
List of Unclassifed Man...
TDA9045 ETC-TDA9045 Datasheet
183Kb / 5P
   VIDEO PROCESSOR AND INPUT SELECTOR
logo
Maxim Integrated Produc...
MAX7449 MAXIM-MAX7449_V01 Datasheet
264Kb / 6P
   3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 1; 4/06
MAX7449 MAXIM-MAX7449 Datasheet
184Kb / 6P
   3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 0; 9/03
logo
Micrel Semiconductor
MIC1700 MICREL-MIC1700_11 Datasheet
138Kb / 10P
   HDTV/SDTV 6th Order Video Filter for Component Video plus Composite Video
logo
Toshiba Semiconductor
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
   Multi System Video Decoder for Component input
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
logo
Tripp Lite. All Rights ...
A008006 TRIPPLITE-A008006 Datasheet
474Kb / 2P
   Component Video Gold Cable (3xRCA M-M), 6-ft
logo
Texas Instruments
TVP5160 TI1-TVP5160_11 Datasheet
1Mb / 111P
[Old version datasheet]   NTSC/PAL/SECAM/Component 2x10-Bit Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com