Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8480NSB Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN8480NSB
Description  3-phase full-wave motor driver IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8480NSB Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AN8480NSB Datasheet HTML 1Page - Panasonic Semiconductor AN8480NSB Datasheet HTML 2Page - Panasonic Semiconductor AN8480NSB Datasheet HTML 3Page - Panasonic Semiconductor AN8480NSB Datasheet HTML 4Page - Panasonic Semiconductor AN8480NSB Datasheet HTML 5Page - Panasonic Semiconductor AN8480NSB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AN8480NSB
ICs for Compact Disc/CD-ROM Player
6
s Application Notes (continued)
• Theory of thermal resistance
A chip temperature or the fin temperature can be understood in the same way as Ohm's Law.
Tj : Chip temperature
Ta : Ambient temperature
P
: Electric power generated by IC
Rj-c : Thermal resistance between a chip and a package
Rc-a: Thermal resistance between a package and a surface of a heat sink or free air
Rf : Thermal resistance between a package and surface of a heat sink
Tj = Ta + P × (Rj-c + Rc-a // Rf)
Make sure that Tj does not exceed 150°C.
If it exceeds 150
°C, you can suppress the rise of a chip temperature by adding a heat sink which is equivalent to
Rf in the above figure.
Tj = Ta + P × (Rj-c + Rc-a // Rf)
A package surface and the fin are available for a temperature measurement. But the fin part is recommendable for
measurement because a package surface measurement does not always promise you a consistent measuring result.
s Application Circuit Example
Rf
Tj
Rj-c
Rc-a
Ta
P
ECR
17
18
12
1
26
27
28
22
21
7
9
8
6
5
2
3
Hall
bias
Start/stop
Thermal
protection
circuit
Absolute
value
Brake
circuit
Hall
amp.
matrix
Detection
Upper side
distribution
Lower side
distribution
Logic
Amp.
Amp.
Direction
detection
Direction
changeover
EA
ER
VTL
EP
= ER × EA
FG
comparator
VH
H3
H3
+
H2
H2
+
H1
H1
+
EC
Servo
torque
command
VM
CS1
A1
A2
A3
PG
FG
High: Start
Medium: FG is on.
Low: Stop
Low: Short brake
High: Reverce rotation brake
Low: TSD on
High: TSD off
VCC = 5 V
0.1
µF
VM = 12 V
RCS = 0.5 Ω
FG signal


Similar Part No. - AN8480NSB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
   Spindle motor driver IC for optical disk
AN8488 PANASONIC-AN8488 Datasheet
75Kb / 8P
   3-phase full-wave motor driver and DC motor BTL driver IC
AN8488SB PANASONIC-AN8488SB Datasheet
75Kb / 8P
   3-phase full-wave motor driver and DC motor BTL driver IC
More results

Similar Description - AN8480NSB

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
BA6425FS LSI-BA6425FS Datasheet
169Kb / 2P
   3-phase full-wave fan motor driver IC
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
Unisonic Technologies
F6908 UTC-F6908_15 Datasheet
255Kb / 7P
   SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
F1962 UTC-F1962_15 Datasheet
305Kb / 8P
   SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
F1962 UTC-F1962 Datasheet
295Kb / 9P
   SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
logo
Toshiba Semiconductor
TA7745P TOSHIBA-TA7745P_06 Datasheet
385Kb / 11P
   3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC
logo
Panasonic Semiconductor
AN8488SB PANASONIC-AN8488SB Datasheet
75Kb / 8P
   3-phase full-wave motor driver and DC motor BTL driver IC
logo
ON Semiconductor
LV8811G ONSEMI-LV8811G Datasheet
2Mb / 32P
   Motor Driver, 3-Phase, PWM Full-Wave, BLDC
October 2015- Rev. P2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com