Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79C850KC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79C850KC
Description  SUPERNET-R 3
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850KC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79C850KC Datasheet HTML 6Page - Advanced Micro Devices AM79C850KC Datasheet HTML 7Page - Advanced Micro Devices AM79C850KC Datasheet HTML 8Page - Advanced Micro Devices AM79C850KC Datasheet HTML 9Page - Advanced Micro Devices AM79C850KC Datasheet HTML 10Page - Advanced Micro Devices AM79C850KC Datasheet HTML 11Page - Advanced Micro Devices AM79C850KC Datasheet HTML 12Page - Advanced Micro Devices AM79C850KC Datasheet HTML 13Page - Advanced Micro Devices AM79C850KC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
AMD
P R E L I M I N A R Y
10
SUPERNET 3
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of:
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
PACKAGE TYPE
K = Plastic Quad Flat Pack in TapePak (PQR208)
SPEED OPTION
Not Applicable
DEVICE NUMBER/DESCRIPTION
Am79C850
SUPERNET 3
AM79C850
Valid Combinations
KC, KC\W
Valid Combinations
ALTERNATE PACKAGING OPTION
\W = Trimmed and Formed in a Tray (PQJ208)
AM79C850
K
C
\W
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the local
AMD sales office to confirm availability of specific
valid combinations and to check on newly released
combinations.
OPTIONAL PROCESSING
Blank = Standard Processing


Similar Part No. - AM79C850KC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C864A AMD-AM79C864A Datasheet
248Kb / 51P
   Physical Layer Controller With Scrambler (PLC-S)
AM79C864AKC AMD-AM79C864AKC Datasheet
248Kb / 51P
   Physical Layer Controller With Scrambler (PLC-S)
AM79C864AKCW AMD-AM79C864AKCW Datasheet
248Kb / 51P
   Physical Layer Controller With Scrambler (PLC-S)
AM79C873 AMD-AM79C873 Datasheet
543Kb / 44P
   NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
AM79C873KCW AMD-AM79C873KCW Datasheet
543Kb / 44P
   NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
More results

Similar Description - AM79C850KC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2180560305 MOLEX-2180560305 Datasheet
146Kb / 1P
   3 CKT DISCR GUARDIAN R-R 500MM
2021/12/07
2153201031 MOLEX-2153201031 Datasheet
309Kb / 1P
   MINIFIT JR SR R-R 3 CIRCUIT 150MM Sn
2020/05/28
logo
ERNI Electronics
254326 ERNI-254326 Datasheet
71Kb / 1P
   FEDERLEISTE R/3 30 LOT
logo
PHOENIX CONTACT
2200317 PHOENIX-2200317 Datasheet
120Kb / 4P
   FKDSO 2,5/ 3-R KMGY
logo
ERNI Electronics
284419 ERNI-284419 Datasheet
70Kb / 1P
   FEDERLEISTE R/3 20 LOT
354388 ERNI-354388 Datasheet
63Kb / 1P
   Messerleiste R / 3, 30 EE
354383 ERNI-354383 Datasheet
87Kb / 1P
   MESSERLEISTE R/3 30 EE
294716 ERNI-294716 Datasheet
73Kb / 1P
   FEDERLEISTE R/3 30 LOT
logo
PHOENIX CONTACT
2854092 PHOENIX-2854092 Datasheet
157Kb / 5P
   MKDSO 2,5/ 3-R KMGY
logo
ERNI Electronics
294863 ERNI-294863 Datasheet
82Kb / 1P
   FEDERLEISTE R/3 30 EE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com