Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79C850 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79C850 Datasheet HTML 7Page - Advanced Micro Devices AM79C850 Datasheet HTML 8Page - Advanced Micro Devices AM79C850 Datasheet HTML 9Page - Advanced Micro Devices AM79C850 Datasheet HTML 10Page - Advanced Micro Devices AM79C850 Datasheet HTML 11Page - Advanced Micro Devices AM79C850 Datasheet HTML 12Page - Advanced Micro Devices AM79C850 Datasheet HTML 13Page - Advanced Micro Devices AM79C850 Datasheet HTML 14Page - Advanced Micro Devices AM79C850 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
P R E L I M I N A R Y
AMD
11
SUPERNET 3
PIN DESCRIPTION
I/O pins can only be high impedance in Test Access Port
(TAP) operation. Refer to TAP Testability section.
PHY/PMD Interface (46 Pins)
RX+, RX-
Receive Data (PECL Input)
These pins receive differential NRZI data.
TX+, TX-
Transmit Data (PECL Output)
These transmit outputs carry differential NRZI data.
They can be forced to logical 0 (TX+ LOW, TX- HIGH) by
asserting the
FOTOFF input.
RCU
Receive Control Upper (TTL input)
RCU is asserted high to indicate that the upper nibble of
the R bus (R7–4) is a network control character. When
RCU is low, this nibble contains data. RCU is synchro-
nous to BCLK. This pin has internal pull-up.
RCL
Receive Control Lower (TTL input)
RCL is asserted high to indicate that the lower nibble of
the R bus (R3–0) is a network control character. When
RCL is low, this nibble contains data. RCL is synchro-
nous to BCLK. This pin has internal pull-up.
R7–0
Receive Bus (TTL input)
The R bus is used to receive information from the
external physical layer (PHY) device. Bytes clocked
from the physical layer (PHY) into the SUPERNET 3
R-bus input are synchronous to the BCLK. These pins
have internal pull-up.
RPAR
Receive parity (TTL input)
RPAR is an input signal used to enhance error detection
on the external PHY interface R7:0 bus. RPAR is an
input signal used to implement even parity checking on
R bus. If there is an odd number of 1’s on {R7:0, RCU,
RCL}, then RPAR should be 1 and if there is an even
number of 1’s on {R7:0, RCU, RCL} then RPAR should
be 0. This pin has internal pull-up.
RXAFU3–0
Receive Bus Tap for External AF (TTL output, high
impedance)
The internal MAC Receive bus lines upper nibble are
tapped and brought out as the RXAFU 3–0 pins. These
pins are used by an external AF to do external SA and/or
DA match.
RXAFL3–0
Receive Bus Tap for External AF (TTL output, TTL
input, high impedance)
The internal MAC Receive bus lines lower nibble are
tapped and brought out as the RXAFL 3–0 pins. These
pins are used by an external AF to do external SA and/or
DA match.
Note: The RXAFL[3:0] input pins are for diagnostic
purposes only.
RXAFCU
Control Upper for AF Receive Bus (TTL output,
high impedance)
The RXAFCU output signal is used to flag control
symbols being presented on the nibble (3:0) of the
RXAFU bus. This signal is synchronous to BCLK. If
RXAFCU is asserted high, the nibble on the RXAFU bus
is interpreted as a network control character. Otherwise,
it is interpreted as a data nibble.
RXAFCL
Control Lower for AF Receive Bus (TTL output,
TTL input, high impedance)
The RXAFCL output signal is used to flag control
symbols being presented on the nibble (3:0) of the
RXAFL bus. This signal is synchronous to BCLK. If
RXAFCL is asserted high, the nibble on the RXAFL bus
is interpreted as a network control character. Otherwise,
it is interpreted as a data nibble.
Note:
The
RXAFCL
input
is
for
diagnostic
purposes only.
X7–0
Transmit Bus (TTL output, high impedance)
This eight-bit output bus is used to send control and data
information to the external physical layer (PHY) device
to be transmitted over the medium. Information on the
X-bus output is synchronous to the BCLK.
XPAR
Transmit parity (TTL output, high impedance)
XPAR is an output signal used to enhance error
detection on the MAC—external PHY interface X7:0
bus. If there is an odd number of 1’s on {X7:0, XCU,
XCL}, then XPAR should be 1 and if there is an even
number of 1’s on {X7:0, XCU, XCL} then XPAR should
be 0.
XCU
Transmit Control Upper (TTL output, high
impedance)
The XCU output signal is used to flag control symbols
being presented on the upper nibble of the transmit bus.
This signal is synchronous to BCLK. If XCU is asserted


Similar Part No. - AM79C850

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C864A AMD-AM79C864A Datasheet
248Kb / 51P
   Physical Layer Controller With Scrambler (PLC-S)
AM79C864AKC AMD-AM79C864AKC Datasheet
248Kb / 51P
   Physical Layer Controller With Scrambler (PLC-S)
AM79C864AKCW AMD-AM79C864AKCW Datasheet
248Kb / 51P
   Physical Layer Controller With Scrambler (PLC-S)
AM79C873 AMD-AM79C873 Datasheet
543Kb / 44P
   NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
AM79C873KCW AMD-AM79C873KCW Datasheet
543Kb / 44P
   NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
More results

Similar Description - AM79C850

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2180560305 MOLEX-2180560305 Datasheet
146Kb / 1P
   3 CKT DISCR GUARDIAN R-R 500MM
2021/12/07
2153201031 MOLEX-2153201031 Datasheet
309Kb / 1P
   MINIFIT JR SR R-R 3 CIRCUIT 150MM Sn
2020/05/28
logo
ERNI Electronics
254326 ERNI-254326 Datasheet
71Kb / 1P
   FEDERLEISTE R/3 30 LOT
logo
PHOENIX CONTACT
2200317 PHOENIX-2200317 Datasheet
120Kb / 4P
   FKDSO 2,5/ 3-R KMGY
logo
ERNI Electronics
284419 ERNI-284419 Datasheet
70Kb / 1P
   FEDERLEISTE R/3 20 LOT
354388 ERNI-354388 Datasheet
63Kb / 1P
   Messerleiste R / 3, 30 EE
354383 ERNI-354383 Datasheet
87Kb / 1P
   MESSERLEISTE R/3 30 EE
294716 ERNI-294716 Datasheet
73Kb / 1P
   FEDERLEISTE R/3 30 LOT
logo
PHOENIX CONTACT
2854092 PHOENIX-2854092 Datasheet
157Kb / 5P
   MKDSO 2,5/ 3-R KMGY
logo
ERNI Electronics
294863 ERNI-294863 Datasheet
82Kb / 1P
   FEDERLEISTE R/3 30 EE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com