Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD05C Datasheet(PDF) 4 Page - Protek Devices

Part # LCD05C
Description  LOW CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LCD05C Datasheet(HTML) 4 Page - Protek Devices

  LCD05C Datasheet HTML 1Page - Protek Devices LCD05C Datasheet HTML 2Page - Protek Devices LCD05C Datasheet HTML 3Page - Protek Devices LCD05C Datasheet HTML 4Page - Protek Devices LCD05C Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.protekdevices.com
05018.R6 8/03
LCD05C
thru
LCD24C
APPLICATION NOTE
The LCA Series are low capacitance, bidirectional TVS arrays that are designed to protect I/O or high speed data lines from the damaging effects of
ESD or EFT. This product series has a surge capability of 800 Watts P
PP per line for an 8/20µs waveshape and offers ESD protection > 40kV.
BIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 1)
Ideal for use in USB applications, the LCD Series provides up to eight (8) lines of protection in a common-mode configuration as depicted in Figure
1.
Circuit connectivity is as follows:
Pins 2, 3, 4, 5, 6, and 7 are connected to ground.
Pins 15 and 14 connected to Port #1 D- and D+.
Pins 13 and 12 connected to Port #2 D+ and D-.
Pins 11 and 10 connected to Port #3 D+ and D-.
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following guidelines
are recommended:
The protection device should be placed near the
input terminals or connectors. By placing the TVS
close to the connectors, the device will divert the
transient current immediately before it can be
coupled into the nearby traces.
The path length between the TVS devices and the
protected line should be minimized
All conductive loops including power and ground
loops should be minimized
The transient current return path to ground should
be kept as short as possible to reduce parasitic
inductance.
Ground planes should be used whenever possible.
For Multilayer PCBs, use ground vias.
Figure1. Typical Common- Mode USB Protection Circuit
D+
D-
D+
D-
D-
D+
USB OUTPUT
CONNECTOR
USB
IC
USB OUTPUT
CONNECTOR
D+
D-
34
2
1
58
7
6
16
15
14
13
12
11
10
9
PORT #1
PORT #2
PORT #4
PORT #3


Similar Part No. - LCD05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LCD05C PROTEC-LCD05C Datasheet
86Kb / 5P
   5LOW CAPACITANCE TVS ARRAY
LCD05C PROTEC-LCD05C Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C Datasheet
788Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C_07 Datasheet
86Kb / 5P
   5LOW CAPACITANCE TVS ARRAY
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
More results

Similar Description - LCD05C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com