Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2N5401 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L2N5401
Description  Amplifier Transistors PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N5401 Datasheet(HTML) 2 Page - Leshan Radio Company

  L2N5401 Datasheet HTML 1Page - Leshan Radio Company L2N5401 Datasheet HTML 2Page - Leshan Radio Company L2N5401 Datasheet HTML 3Page - Leshan Radio Company L2N5401 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
L2N5401-2/4
L2N5401
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage(1)
(IC = 1.0 mAdc, IB =0)
V(BR)CEO
150
Vdc
Collector−Base Breakdown Voltage
(IC = 100 mAdc, IE =0)
V(BR)CBO
160
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 120 Vdc, IE =0)
(VCB = 120 Vdc, IE = 0, TA = 100°C)
ICBO
50
50
Emitter Cutoff Current
(VEB = 3.0 Vdc, IC = 0)
IEBO
50
nAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
(IC = 10 mAdc, VCE = 5.0 Vdc)
(IC = 50 mAdc, VCE = 5.0 Vdc)
hFE
50
60
50
240
Collector−Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
0.2
0.5
Vdc
Base−Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
1.0
1.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
100
300
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
6.0
pF
Small−Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
40
200
Noise Figure
(IC = 250 mAdc, VCE = 5.0 Vdc, RS = 1.0 kW, f = 1.0 kHz)
NF
8.0
dB
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - L2N5401

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L2N5 TECCOR-L2N5 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L2N5 LITTELFUSE-L2N5 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L2N5 TECCOR-L2N5 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L2N5 LITTELFUSE-L2N5 Datasheet
176Kb / 8P
   Sensitive Triacs
L2N5 LITTELFUSE-L2N5 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L2N5401

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
LA733P ONSEMI-LA733P Datasheet
56Kb / 4P
   Amplifier Transistors (PNP Silicon)
August, 2001 ??Rev. 1
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com