Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC857BDW1T1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBC857BDW1T1
Description  Dual General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC857BDW1T1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LBC857BDW1T1 Datasheet HTML 1Page - Leshan Radio Company LBC857BDW1T1 Datasheet HTML 2Page - Leshan Radio Company LBC857BDW1T1 Datasheet HTML 3Page - Leshan Radio Company LBC857BDW1T1 Datasheet HTML 4Page - Leshan Radio Company LBC857BDW1T1 Datasheet HTML 5Page - Leshan Radio Company LBC857BDW1T1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LBC856–1/6
LESHAN RADIO COMPANY, LTD.
Dual General Purpose
Transistors
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT–363/SC–88 which is
designed for low power surface mount applications.
Device Marking:
LBC856BDW1T1 = 3B
LBC857BDW1T1 = 3F
LBC857CDW1T1 = 3G
LBC858BDW1T1 = 3K
LBC858CDW1T1 = 3L
MAXIMUM RATINGS
Rating
Symbol
BC856
BC857
BC858
Unit
Collector–Emitter Voltage
VCEO
–65
–45
–30
V
Collector–Base Voltage
VCBO
–80
–50
–30
V
Emitter–Base Voltage
VEBO
–5.0
–5.0
–5.0
V
Collector Current –
Continuous
IC
–100
–100
–100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
Per Device
FR–5 Board (Note 1.)
TA = 25°C
Derate Above 25
°C
PD
380
250
3.0
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
RqJA
328
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
–55 to +150
°C
1. FR–5 = 1.0 x 0.75 x 0.062 in
Device
Package
Shipping
LBC857BDW1T1
SOT–363
3000 Units/Reel
DEVICE MARKING
LBC857CDW1T1
SOT–36 3
3000 Units/Reel
LBC858BDW1T1
SOT–363
3000 Units/Reel
LBC858CDW1T1
SOT–363
3000 Units/Reel
LBC856BDW1T1
SOT–363
3000 Units/Reel
See Table
ORDERING INFORMATION
LBC856*DW1T1
1
2
3
4
5
6
SOT-363
Q1
Q2
(1)
(2)
(3)
(4)
(5)
(6)


Similar Part No. - LBC857BDW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC857BDW1T1G LRC-LBC857BDW1T1G Datasheet
134Kb / 6P
   Dual General Purpose Transistors
logo
Shanghai Leiditech Elec...
LBC857BDW1T1G LEIDITECH-LBC857BDW1T1G Datasheet
462Kb / 6P
   S- Prefix for Automotive and Other Applications Requiring Unique Site
logo
Leshan Radio Company
LBC857BDW1T1G LRC-LBC857BDW1T1G_15 Datasheet
182Kb / 6P
   Dual General Purpose Transistors
More results

Similar Description - LBC857BDW1T1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com