Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC857BDW1T1 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LBC857BDW1T1
Description  Dual General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC857BDW1T1 Datasheet(HTML) 5 Page - Leshan Radio Company

  LBC857BDW1T1 Datasheet HTML 1Page - Leshan Radio Company LBC857BDW1T1 Datasheet HTML 2Page - Leshan Radio Company LBC857BDW1T1 Datasheet HTML 3Page - Leshan Radio Company LBC857BDW1T1 Datasheet HTML 4Page - Leshan Radio Company LBC857BDW1T1 Datasheet HTML 5Page - Leshan Radio Company LBC857BDW1T1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LBC856–5/6
LBC856BDW1T1, LBC857BDW1T1, LBC857CDW1T1, LBC858BDW1T1, LBC858CDW1T1
Figure 13. Thermal Response
Figure 14. Active Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (V)
-200
-1.0
TA = 25°C
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
3 ms
TJ = 25°C
-100
-50
-10
-5.0
-2.0
-5.0
-10
-30 -45 -65 -100
1 s
BC558
BC557
BC556
The safe operating area curves indicate IC–VCE limits of the
transistor that must be observed for reliable operation. Collector
load lines for specific circuits must fall below the limits indicated
by the applicable curve.
The data of Figure 14 is based upon TJ(pk) = 150°C; TC or TA
is variable depending upon conditions. Pulse curves are valid
for duty cycles to 10% provided TJ(pk) ≤ 150°C. TJ(pk) may be
calculated from the data in Figure 13. At high case or ambient
temperatures, thermal limitations will reduce the power that can
be handled to values less than the limitations imposed by the
secondary breakdown.
t, TIME (ms)
1.0
1.0
0
0.1
0.01
0.001
10
100
1.0k
10k
100k
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
ZθJA(t) = r(t) RθJA
RθJA = 328°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) RθJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
1.0M
0.02
0.01


Similar Part No. - LBC857BDW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC857BDW1T1G LRC-LBC857BDW1T1G Datasheet
134Kb / 6P
   Dual General Purpose Transistors
logo
Shanghai Leiditech Elec...
LBC857BDW1T1G LEIDITECH-LBC857BDW1T1G Datasheet
462Kb / 6P
   S- Prefix for Automotive and Other Applications Requiring Unique Site
logo
Leshan Radio Company
LBC857BDW1T1G LRC-LBC857BDW1T1G_15 Datasheet
182Kb / 6P
   Dual General Purpose Transistors
More results

Similar Description - LBC857BDW1T1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com