Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8140K Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN8140K
Description  High-speed Low Power Consumption 10-bit D/A Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8140K Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN8140K Datasheet HTML 1Page - Panasonic Semiconductor AN8140K Datasheet HTML 2Page - Panasonic Semiconductor AN8140K Datasheet HTML 3Page - Panasonic Semiconductor AN8140K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
A/D and D/A Converters
AN8140K
Parameter
Condition
Rating
Unit
Resolution
10
bit
Linearity error
RREF = 470
±1.0
LSB
Differential linearity error
RO = 75
±1.0
LSB
Maximum conversion rate
VREFO –VREFI = 1.4V
50
MSPS
s Main Characteristics (VCC=5.0V, Ta=25˚C)
VCC
VIN
IO
VREFI
PD
Topr
Tstg
Supply voltage
Digital input voltage
Analogue output current
Reference input voltage
Power dissipation
Operating ambient temperature
Storage temperature
V
V
mA
V
mW
˚C
˚C
Paremeter
Symbol
Rating
Unit
s Absolute Maximum Rating (Ta=25˚C)
– 0.3 to +7.0
– 0.3 to DVCC
30
– 0.3 to AVCC
700
–20 to + 70
–55 to +150
VIN= 0V, 5V
VIN= 0V, 5V
IREFO= 3.0mA
Parameter
Symbol
Rating
min
typ
max
Unit
s Electrical Characteristics (VCC=5.0V, Ta=25˚C)
ICC
ILK1
ILK2
VREFO
EL
ED
FC
VFS
VZS
tST
2.16
50
4.9
3.8
30
2.7
±0.5
±0.5
5.0
4.0
50
±30
±30
3.24
±1
±1
5.1
4.2
20
mA
µA
µA
V
LSB
LSB
MSPS
V
V
ns
Supply current
Digital input leak current
REFI input leak current
Reference output voltage
Linearty error
Differential linearty error
Maximum conversion rate
Full-scale output voltage
Zero-scale output voltage
Settling time
RREF= 470
RO= 75
VREF0 –VREFI= 1.4V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VCC
4.75
5.0
5.25
V
Regerence voltage vREFO = 2.7V
VREFI
RO = 75
Ω, R
REF = 470
1.3
V
Output load resistance
RO
75
Digital input voltage
VIH
2.4
V
VIL
0.8
V
Clock input pulse width
tWH
*1
8 *2
ns
tWL
*1
8 *2
ns
Setting-up time
tS
*1
5
ns
Holding time
tH
*1
1
ns
s Recommended Operating Conditions (Ta=25˚C)
*1 : Refer to the timing chart.
*2 : tWH+tWL
≥20ns


Similar Part No. - AN8140K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8146FBQ PANASONIC-AN8146FBQ Datasheet
36Kb / 4P
   10-Bit 3-channel D/A Converter IC
More results

Similar Description - AN8140K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8131FBP PANASONIC-AN8131FBP Datasheet
232Kb / 4P
   High Speed Low Power consumption Bi-CMOS 10-bit A/D Converter
AN8133FHP PANASONIC-AN8133FHP Datasheet
235Kb / 4P
   High Speed Low Power consumption Bi-CMOS 10-Bit A/D Converter
AN8130K PANASONIC-AN8130K Datasheet
278Kb / 5P
   High-Speed and Low Power Consumption 10-bit A/D converter IC
AN8130FBP PANASONIC-AN8130FBP Datasheet
353Kb / 6P
   High Speed Low Power consumption Bi-COMS 10-Bit A/D convertor
logo
Intersil Corporation
HI5780 INTERSIL-HI5780 Datasheet
75Kb / 8P
   10-Bit, 80 MSPS, High Speed, Low Power D/A Converter
HI5721 INTERSIL-HI5721_03 Datasheet
637Kb / 14P
   10-Bit, 125MSPS, High Speed D/A Converter
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
logo
Panasonic Semiconductor
AN8135 PANASONIC-AN8135 Datasheet
257Kb / 4P
   High peed Low Power consumption Bipolar 10-Bit A/D Convertor
logo
Hitachi Semiconductor
HA19510 HITACHI-HA19510 Datasheet
286Kb / 7P
   HIGH- SPEED, LOW-POWER 8-BIT FLASH D/A CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com