Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAT54HT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LBAT54HT1G
Description  Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT54HT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LBAT54HT1G Datasheet HTML 1Page - Leshan Radio Company LBAT54HT1G Datasheet HTML 2Page - Leshan Radio Company LBAT54HT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
K
A
D
1
2
B
C
E
0.63
0.02''
0.83
0.033''
1.60
0.063"
2.85
0.112''
mm
inches
H
J
SOD-323
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
MIN
MAX
MIN
MAX
1.60
1.80
0.063
0.071
1.15
1.35
0.045
0.053
0.80
1.00
0.031
0.039
0.25
0.40
0.010
0.016
0.15 REF
0.006 REF
0.00
0.10
0.000
0.004
0.089
0.177
0.0035
0.0070
2.30
2.70
0.091
0.106
MILLIMETERS
DIM
A
B
C
D
E
H
J
K
INCHES
LBAT54HT1
PIN:1:CATHODE
2:ANODE
LBAT54HT1-3/3
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LBAT54HT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54HT1G LRC-LBAT54HT1G Datasheet
119Kb / 3P
   Schottky Barrier Diodes Device Marking: JV
LBAT54HT1G LRC-LBAT54HT1G_11 Datasheet
119Kb / 3P
   Schottky Barrier Diodes Device Marking: JV
LBAT54HT1G LRC-LBAT54HT1G_15 Datasheet
261Kb / 3P
   Schottky Barrier Diodes
More results

Similar Description - LBAT54HT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com