Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR1084S-3.3 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR1084S-3.3
Description  Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1084S-3.3 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR1084S-3.3 Datasheet HTML 1Page - Leshan Radio Company LR1084S-3.3 Datasheet HTML 2Page - Leshan Radio Company LR1084S-3.3 Datasheet HTML 3Page - Leshan Radio Company LR1084S-3.3 Datasheet HTML 4Page - Leshan Radio Company LR1084S-3.3 Datasheet HTML 5Page - Leshan Radio Company LR1084S-3.3 Datasheet HTML 6Page - Leshan Radio Company LR1084S-3.3 Datasheet HTML 7Page - Leshan Radio Company LR1084S-3.3 Datasheet HTML 8Page - Leshan Radio Company LR1084S-3.3 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The
LR1084 is a series of low dropout positive voltage
regulators with a maximum dropout of 1.5V at 5A of
load current.
The series features on-chip thermal limiting which pro-
vides protection against any combination of overload
and ambient temperatures that would create excessive
junction temperatures. It also includes a trimmed band-
gap reference and a current limiting circuit.
The
LR1084 is available in 1.5V, 1.8V, 2.5V, 2.85V,
3.3V and 5.0Vversions. The fixed versions integrate
the adjust resistors. It is also available in an adjustable
version which can set the output voltage with two
external resistors.
The
LR1084 series is available in standard packages of
TO-263-2L, TO-263-3L, TO-220 and TO-252.
Features
Low Dropout Voltage: 1.3V Typically at 5A
Current Limiting and Thermal Protection
Output Current: 5A
Current Limit: 6.5A
Operating Junction Temperature Range: 0 to
125oC
Line Regulation: 0.015% (Typical)
Load Regulation: 0.2% (Typical)
Applications
High Efficiency Linear Regulators
Battery Chargers
Post Regulation for Switching Supply
Microprocessor Supply
Desktop PCs, RISC and Embedded Processors'
Supply
TO-252
TO-220
TO-263-3L
TO-263-2L
LESHAN RADIO COMPANY, LTD.
LR1084-1/12
Figure 1. Package Types of LR1084


Similar Part No. - LR1084S-3.3

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1084 LRC-LR1084 Datasheet
282Kb / 11P
   Current Limiting and Thermal Protection Battery Chargers
LR1084 LRC-LR1084_12 Datasheet
282Kb / 11P
   Current Limiting and Thermal Protection Battery Chargers
LR1084 LRC-LR1084_15 Datasheet
282Kb / 11P
   Low Dropout Voltage: 1.3V Typically at 5A
More results

Similar Description - LR1084S-3.3

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1084 LRC-LR1084_15 Datasheet
282Kb / 11P
   Low Dropout Voltage: 1.3V Typically at 5A
logo
Sangdest Microelectroni...
SLR1117 SMC-SLR1117 Datasheet
375Kb / 13P
   Current Limiting and Thermal Protection
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
   Current Limiting and Thermal Protection
SLR1117A SMC-SLR1117A Datasheet
350Kb / 12P
   Current Limiting and Thermal Protection
logo
IK Semicon Co., Ltd
IL1117C-XX IKSEMICON-IL1117C-XX Datasheet
535Kb / 10P
   Current Limiting and Thermal Protection
logo
Leshan Radio Company
LR1084 LRC-LR1084_12 Datasheet
282Kb / 11P
   Current Limiting and Thermal Protection Battery Chargers
logo
Shenzhen Huazhimei Semi...
AMS1117B HMSEMI-AMS1117B Datasheet
947Kb / 9P
   series of low dropout three-terminal regulators with a dropout of 1.3V at 1A load current
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
logo
Fairchild Semiconductor
KA378R12C FAIRCHILD-KA378R12C_05 Datasheet
57Kb / 8P
   Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com