Electronic Components Datasheet Search |
|
AN7712SP Datasheet(PDF) 11 Page - Panasonic Semiconductor |
|
AN7712SP Datasheet(HTML) 11 Page - Panasonic Semiconductor |
11 / 21 page Voltage Regulators AN7700, AN7700F, AN7700SP Series 11 Parameter Symbol Conditions Min Typ Max Unit Peak output current 2 * IO(Peak)2 VIN = 18 V, Tj = 25°C 1.5 A (Only for the SP type) Peak output current 3 * IO(Peak)3 VIN = 23 V, Tj = 25°C 1.0 A (Only for the SP type) Output short-circuit current IO(Short) VIN = 30 V, Tj = 25°C 10 mA The load is shorted. Thermal protection operating Tj(TH) VIN = 9 V 150 °C temperature Output voltage temperature a VIN = 9 V, Tj = 25°C to 125°C −40 ppm/°C coefficient s Electrical Characteristics at Ta = 25°C (continued) • AN7708/F/SP (8-V type) Parameter Symbol Conditions Min Typ Max Unit Output voltage VOUT VIN = 9 V, IOUT = 500 mA, 7.76 8.00 8.24 V Tj = 25°C Line regulation REGIN VIN = 9 V to 19 V, IOUT = 500 mA, 880 mV Tj = 25°C Load regulation REGLOA VIN = 9 V, IOUT = 0 mA to 1 200 mA, 40 160 mV Tj = 25°C Input dependency of bias current ∆I Bias(IN) VIN = 9 V to 19 V, IOUT = 500 mA, 110 mA Tj = 25°C Load dependency of bias current ∆I Bias(LOA) VIN = 9 V, IOUT = 0 mA to 1 200 mA, 10 50 mA Tj = 25°C Bias current at no load IBias VIN = 9 V, IOUT = 0 mA 2.6 5.0 mA Bias current Irush VIN = 7.2 V, IOUT = 0 mA 35 mA before the regulation starts Minimum I/O voltage difference 1 VDIF(min)1 VIN = 7.2 V, IOUT = 500 mA, 0.4 0.6 V Tj = 25°C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 7.2 V, IOUT = 1 200 mA, 0.5 1.0 V Tj = 25°C Peak output current 1 * IO(Peak)1 VIN = 9 V, Tj = 25°C 1.2 1.8 2.4 A Peak output current 2 * IO(Peak)2 VIN = 18 V, Tj = 25°C 1.0 1.5 2.0 A (Excluding the SP type) Peak output current 3 * IO(Peak)3 VIN = 23 V, Tj = 25°C 0.5 1.0 1.5 A (Excluding the SP type) Ripple rejection ratio RR VIN = 9 V to 11 V, IOUT = 100 mA, 46 66 dB f = 120 Hz Note) *: This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). • Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Note) *: This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). |
Similar Part No. - AN7712SP |
|
Similar Description - AN7712SP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |