Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1MA152WALT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # M1MA152WALT1G
Description  Common Anode Silicon Dual Switching diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

M1MA152WALT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  M1MA152WALT1G Datasheet HTML 1Page - Leshan Radio Company M1MA152WALT1G Datasheet HTML 2Page - Leshan Radio Company M1MA152WALT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
Common Anode Silicon
Dual Switching diodes
MAXIMUM RATINGS (T A = 2
5°C)
Rating
Symbol
Value
Unit
Reverse Voltage
M1MA151WALT1
V R
40
Vdc
M1MA152WALT1
80
Peak Reverse Voltage
M1MA151WALT1
V RM
40
Vdc
M1MA152WALT1
80
Forward Current
Single
I F
100
mAdc
Dual
150
Peak Forward Current
Single
I FM
225
mAdc
Dual
340
Peak Forward Surge Current
Single
I FSM (1)
500
mAdc
Dual
750
THERMAL CHARACTERISTICS
Rating
Symbo
lMax
Unit
Power Dissipation
P D
200
mW
Junction Temperature
T J
150
°C
Storage Temperature
T stg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Voltage Leakage Current M1MA151WALT1
I R
V R = 35 V
0.1
µAdc
M1MA152WALT1
V R = 75 V
0.1
Forward Voltage
V F
I F = 100 mA
1.2
Vdc
Reverse Breakdown Voltage
M1MA151WALT1
V R
I R = 100
µA
40
Vdc
M1MA152WALT1
80
Diode Capacitance
C D
V R = 0, f = 1.0 MHz
15
pF
Reverse Recovery Time
t rr (2)
I F = 10 mA, V R = 6.0 V,
10
ns
R L = 100
Ω, I
rr = 0.1 I R
1. t = 1 SEC
2. t rr Test Circuit
These Common Anode Silicon Epitaxial Planar Dual Diodes are
designed for use in ultra high speed switching applications. These
devices are housed in the SOT-23 package which is designed for low
power surface mount applications.
Fast t rr , < 10 ns
Low C D , < 15 pF
Available in 8 mm Tape and Reel
Use M1MA151/2WALT1 to order the 7 inch/3000 unit reel.
Use M1MA151/2WALT3 to order the 13 inch/10,000 unit reel.
1
3
2
SOT-23 PACKAGE
COMMON ANODE
DUAL SWITCHING DIODES
40/80 V-100mA
SURFACE MOUNT
M1MA151WALT1
M1MA152WALT1
SOT-23
M1MA151WALT1-1/3
3
CATHODE
ANODE
1
ANODE
2
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
M1MA151WALT1G
SOT–23
3000/Tape & Reel
Device
Package
Shipping
M1MA152WALT1G
SOT–23
3000/Tape & Reel
M1MA151WALT1
SOT–23
3000/Tape & Reel
M1MA151WALT1
SOT–23
3000/Tape & Reel
ORDERING INFORMATION


Similar Part No. - M1MA152WALT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M1MA152WA MOTOROLA-M1MA152WA Datasheet
85Kb / 6P
   Common Anode Silicon Dual Switching Diodes
logo
SeCoS Halbleitertechnol...
M1MA152WA SECOS-M1MA152WA Datasheet
266Kb / 2P
   Surface Mount Switching Diode
logo
Motorola, Inc
M1MA152WAT1 MOTOROLA-M1MA152WAT1 Datasheet
85Kb / 6P
   Common Anode Silicon Dual Switching Diodes
logo
Leshan Radio Company
M1MA152WAT1 LRC-M1MA152WAT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA152WAT1 ETL-M1MA152WAT1 Datasheet
118Kb / 2P
   Common Anode Silicon Dual Switching diodes
More results

Similar Description - M1MA152WALT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
M1MAWAT1 LRC-M1MAWAT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WKT1 ETL-M1MA151WKT1 Datasheet
102Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
54Kb / 6P
   Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
DAP222 ONSEMI-DAP222_05 Datasheet
59Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
E-Tech Electronics LTD
M1MA151WAT1 ETL-M1MA151WAT1 Datasheet
118Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
Leshan Radio Company
M1MA151WKLT1 LRC-M1MA151WKLT1 Datasheet
102Kb / 3P
   Common Anode Silicon Dual Switching diodes
LM1MA151WAT1 LRC-LM1MA151WAT1 Datasheet
67Kb / 3P
   Common Anode Silicon Dual Switching diodes
logo
Motorola, Inc
M1MA151WAT1 MOTOROLA-M1MA151WAT1 Datasheet
85Kb / 6P
   Common Anode Silicon Dual Switching Diodes
logo
Leshan Radio Company
M1MA151WKT1 LRC-M1MA151WKT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
64Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com