Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD2004LT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LSD2004LT1
Description  Small-Signal Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSD2004LT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LSD2004LT1 Datasheet HTML 1Page - Leshan Radio Company LSD2004LT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon Epitaxial Planar Diode
Small-Signal Switching Diode
LSD2004LT1
Fast switching Diode;
especially suited for applications requiring high
voltage capability
1
3
2
SOT– 23
1
ANODE
CATHODE
DEVICE MARKING
LSD2004LT1=DB5
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS
Continuous Reverse Voltage
V
240
V
Characteristic
Symbol
MIN
Max
Unit
Reverse Breakdown Voltage
V
300
V
Reverse Voltage Leakage Current
(I = 100uA)
(V = 240V)
I
100
nA
(BR)
R
R
R
(V = 240V,Tj=150
)
I
100
uA
R
R
°C
Forward Voltage
mV
(I = 20 mA)
V
870
mV
F
F
(I = 100 mA)
V
1000
mV
F
F
Reverse Recovery Time
T
50
ns
rr
(I =30 mA ,Irr=3.0 mA)
R
F
Capacitance
C
5.0
pF
(V =V = 0,F=1MHZ)
FR
3
Forward Current (continuous)
IF
225
mA
LESHAN RADIO COMPANY, LTD.
LSD2004LT1-1/2


Similar Part No. - LSD2004LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LSD2004SLT1 LRC-LSD2004SLT1 Datasheet
127Kb / 2P
   Dual In-Series Small-Signal Switching Diode
More results

Similar Description - LSD2004LT1

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com