Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN5237T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMUN5237T1G
Description  Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5237T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMUN5237T1G Datasheet HTML 1Page - Leshan Radio Company LMUN5237T1G Datasheet HTML 2Page - Leshan Radio Company LMUN5237T1G Datasheet HTML 3Page - Leshan Radio Company LMUN5237T1G Datasheet HTML 4Page - Leshan Radio Company LMUN5237T1G Datasheet HTML 5Page - Leshan Radio Company LMUN5237T1G Datasheet HTML 6Page - Leshan Radio Company LMUN5237T1G Datasheet HTML 7Page - Leshan Radio Company LMUN5237T1G Datasheet HTML 8Page - Leshan Radio Company LMUN5237T1G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN5211T1 Series–1/10
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
2
3
1
LMUN5211T1
SERIES
PIN 1
BASE
(INPUT)
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
R
1
R
2
MARKINGDIAGRAM
8X
M
8x = Specific Device Code
x = (See Marking Table)
M= Date Code
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network con-
sisting of two resistors; a series base resistor and a base–emitter resistor.
The BRT eliminates these individual components by integrating them into a
single device. The use of a BRT can reduce both system cost and board
space. The device is housed in the SC–70/SOT–323 package which is
designed for low power surface mount applications.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• The SC–70/SOT–323 package can be soldered using wave or
reflow. The modified gull–winged leads absorb thermal stress
during soldering eliminating the possibility of damage to the die.
• Available in 8 mm embossed tape and reel
Use the Device Number to order the 7 inch/3000 unit reel.
DEVICE MARKING INFORMATION
See specific marking information in the device marking table on page 2
of this data sheet.
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
50
Vdc
Collector-Emitter Voltage
V
CEO
50
Vdc
Collector Current
I
C
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
P
D
202 (Note 1.)
310 (Note 2.)
1.6 (Note 1.)
2.5 (Note 2.)
mW
mW/
°C
Thermal Resistance –
Junction-to-Ambient
RθJA
618 (Note 1.)
403 (Note 2.)
°C/W
Thermal Resistance –
Junction-to-Lead
RθJL
280 (Note 1.)
332 (Note 2.)
°C/W
Junction and Storage
Temperature Range
T
J
, Tstg
–55 to +150
°C
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad
SC-70 / SOT-323
• Pb-Free package is available


Similar Part No. - LMUN5237T1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMUN5237T1G LEIDITECH-LMUN5237T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LMUN5237T1G LEIDITECH-LMUN5237T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
More results

Similar Description - LMUN5237T1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
SDTC114EET1 ONSEMI-SDTC114EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com