Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN5334DW1T1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMUN5334DW1T1G
Description  Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5334DW1T1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMUN5334DW1T1G Datasheet HTML 1Page - Leshan Radio Company LMUN5334DW1T1G Datasheet HTML 2Page - Leshan Radio Company LMUN5334DW1T1G Datasheet HTML 3Page - Leshan Radio Company LMUN5334DW1T1G Datasheet HTML 4Page - Leshan Radio Company LMUN5334DW1T1G Datasheet HTML 5Page - Leshan Radio Company LMUN5334DW1T1G Datasheet HTML 6Page - Leshan Radio Company LMUN5334DW1T1G Datasheet HTML 7Page - Leshan Radio Company LMUN5334DW1T1G Datasheet HTML 8Page - Leshan Radio Company LMUN5334DW1T1G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN5311DW-4/29
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, common for Q1 and Q2, − minus sign for Q1 (PNP) omitted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
LMUN5311DW1T1
(VEB = 6.0 V, IC = 0)
LMUN5312DW1T1
LMUN5313DW1T1
LMUN5314DW1T1
LMUN5315DW1T1
LMUN5316DW1T1
LMUN5330DW1T1
LMUN5331DW1T1
LMUN5332DW1T1
LMUN5333DW1T1
LMUN5334DW1T1
LMUN5335DW1T1
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
mAdc
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 3) (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
3. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%
Figure 1. Derating Curve
300
200
150
100
50
0
− 50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 490°C/W
250
ALL LMUN5311DW1T1 SERIES DEVICES
LMUN5311DW1T1 Series


Similar Part No. - LMUN5334DW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5334DW1T1G LRC-LMUN5334DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
More results

Similar Description - LMUN5334DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMD4DXV6T1 ONSEMI-EMD4DXV6T1 Datasheet
65Kb / 5P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005??Rev. 1
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMC2DXV5T1 ONSEMI-EMC2DXV5T1_05 Datasheet
96Kb / 11P
   Dual Common Base?묬ollector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com