Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN5231DW1T1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMUN5231DW1T1G
Description  Dual Bias ResistorTransistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5231DW1T1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMUN5231DW1T1G Datasheet HTML 1Page - Leshan Radio Company LMUN5231DW1T1G Datasheet HTML 2Page - Leshan Radio Company LMUN5231DW1T1G Datasheet HTML 3Page - Leshan Radio Company LMUN5231DW1T1G Datasheet HTML 4Page - Leshan Radio Company LMUN5231DW1T1G Datasheet HTML 5Page - Leshan Radio Company LMUN5231DW1T1G Datasheet HTML 6Page - Leshan Radio Company LMUN5231DW1T1G Datasheet HTML 7Page - Leshan Radio Company LMUN5231DW1T1G Datasheet HTML 8Page - Leshan Radio Company LMUN5231DW1T1G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN5211DW–4/10
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 ,)
(Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(Note 5.)
DC Current Gain
LMUN5211DW1T1
(V CE = 10 V, I C = 5.0 mA)
LMUN5212DW1T1
LMUN5213DW1T1
LMUN5214DW1T1
LMUN5215DW1T1
LMUN5216DW1T1
LMUN5230DW1T1
LMUN5231DW1T1
LMUN5232DW1T1
LMUN5233DW1T1
LMUN5234DW1T1
LMUN5235DW1T1
LMUN5236DW1T1
LMUN5237DW1T1
LMUN5211DW1T1
Series
h FE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
350
350
5.0
15
30
200
150
140
150
140
Output Voltage (on)
(V
CC = 5.0 V, V B = 2.5 V, R L = 1.0 kΩ)
LMUN5211DW1T1
LMUN5212DW1T1
LMUN5214DW1T1
LMUN5215DW1T1
LMUN5216DW1T1
LMUN5230DW1T1
LMUN5231DW1T1
LMUN5232DW1T1
LMUN5233DW1T1
LMUN5234DW1T1
LMUN5235DW1T1
LMUN5213DW1T1
LMUN5236DW1T1
LMUN5237DW1T1
V
OL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
(V
CC = 5.0 V, V B = 3.5 V, R L = 1.0 kΩ)
(V
CC = 5.0 V, V B = 5.5 V, R L = 1.0 kΩ)
(V
CC = 5.0 V, V B = 4.0 V, R L = 1.0 kΩ)
Output Voltage (off) (V CC = 5.0 V, V B = 0.5 V, R L = 1.0 k
Ω)
(V CC = 5.0 V, V B = 0.05 V, R L = 1.0 k
Ω)
LMUN5230DW1T1
(V CC = 5.0 V, V B = 0.25 V, R L = 1.0 k
Ω)
LMUN5215DW1T1
LMUN5216DW1T1
LMUN5233DW1T1
Collector-Emitter Saturation Voltage (IC= 10mA,IB= 0.3 mA) V CE(sat)
0.25
Vdc
(I C= 10mA, I B= 5mA) LMUN5230DW1T1/LMUN5231DW1T1
(I C= 10mA, IB= 1mA)
LMUN5215DW1T1/LMUN5216DW1T1
LMUN5232DW1T1/LMUN5233DW1T1/LMUN5234DW1T1
V OH
4.9
Vdc
5. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%


Similar Part No. - LMUN5231DW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5231DW1T1G LRC-LMUN5231DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
More results

Similar Description - LMUN5231DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EW AITSEMI-DTA114EW Datasheet
448Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.1
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5311DW1T1 LRC-LMUN5311DW1T1 Datasheet
424Kb / 29P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMD4DXV6T1 ONSEMI-EMD4DXV6T1 Datasheet
65Kb / 5P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005??Rev. 1
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com